Electronic Components Datasheet Search
  English  ▼

X  

EVALSTGAP2SM Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVALSTGAP2SM
Description  Demonstration board for STGAP2SM isolated 4 A single gate driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTGAP2SM Datasheet(HTML) 1 Page - STMicroelectronics

  EVALSTGAP2SM Datasheet HTML 1Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 2Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 3Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 4Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 5Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 6Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 7Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 8Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For further information contact your local STMicroelectronics sales office.
November 2018
DB3768 Rev 1
1/12
EVALSTGAP2SM
Demonstration board for STGAP2SM isolated 4 A single gate
driver
Data brief
Features
 High voltage rail up to 1700 V
 Driver current capability:
– 4 A source/sink at 25 °C
 Separate sink and source for simplified gate
driving configuration (STGAP2SM)
 4 A Miller clamp (STGAP2SCM)
 Short propagation delay: 100 ns
 UVLO function
 Gate driving voltage up to 26 V
 Negative gate driving
 On-board isolated DC-DC converters to supply
gate drivers, fed by VAUX = 5 V
 VDD logic supply local 3.3 V or VAUX
 3.3 V, 5 V TTL/CMOS inputs with hysteresis
 Easy jumper selection of driving voltage
configuration:
– +15/0 V; +15/-3 V; +19/0 V; +19/-3 V
 Temperature shutdown protection
Description
The STGAP2SM is an isolated single gate driver.
The gate driver is characterized by 4 A current
capability and rail-to-rail outputs, making the
device suitable also for high power inverter
applications such as motor drivers in industrial
applications equipped with MOSFET/IGBT/SiC
power switch.
Two different variants are available: one with
separated source and sink outputs, the other with
single output pin and a dedicated pin for Miller
clamp function. The EVALSTGAP2S is suitable
for both output configuration variants.
The device integrates protection functions: UVLO
and thermal shutdown are included to simplify the
design of high reliability systems. Dual input pins
allow choosing the control signal polarity and also
implementing HW interlocking protection in order
to avoid cross-conduction in case of controller
malfunction.
The device allows the implementation of negative
gate driving, and the on-board isolated DC-DC
converters allow working with optimized driving
voltage for MOSFET/IGBT or SiC.
The EVALSTGAP2S board allows evaluating all
the STGAP2SM features while driving a half-
bridge power stage with voltage rating up to 1700
V in TO-220 or TO-247 package.
The board facilitates the selection and
modification of the values of relevant external
components in order to ease driver's performance
evaluation under different applicative conditions
and fine pre-tuning of final application
components.
www.st.com


Similar Part No. - EVALSTGAP2SM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSTGAP2SICSC STMICROELECTRONICS-EVALSTGAP2SICSC Datasheet
5Mb / 14P
Demonstration board for STGAP2SiCSC isolated 4 A single gate driver
Oct-2020
More results

Similar Description - EVALSTGAP2SM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3220BRZ AD-ADUM3220BRZ Datasheet
614Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
REV. C
logo
STMicroelectronics
UM2120 STMICROELECTRONICS-UM2120 Datasheet
2Mb / 18P
EVALSTGAP1AS: demonstration board for STGAP1AS galvanically isolated single gate driver
03-Nov-2016
logo
Texas Instruments
UCC21520-Q1 TI1-UCC21520-Q1 Datasheet
1Mb / 47P
4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver for Automotive
logo
STMicroelectronics
EVALSTGAP2SICSC STMICROELECTRONICS-EVALSTGAP2SICSC Datasheet
5Mb / 14P
Demonstration board for STGAP2SiCSC isolated 4 A single gate driver
Oct-2020
logo
Analog Devices
ADUM3220 AD-ADUM3220_V01 Datasheet
859Kb / 16P
Isolated, 4 A Dual-Channel Gate Driver
Rev. D
logo
STMicroelectronics
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
Galvanically isolated 4 A half-bridge gate driver
25-Jul-2022
STGAP2HS STMICROELECTRONICS-STGAP2HS Datasheet
453Kb / 22P
Galvanically isolated 4 A single gate driver
29-Sep-2022
STGAP2SICS STMICROELECTRONICS-STGAP2SICS Datasheet
716Kb / 22P
Galvanically isolated 4 A single gate driver for SiC MOSFETs
29-Sep-2022
STGAP2GSN STMICROELECTRONICS-STGAP2GSN Datasheet
556Kb / 20P
Isolated 3 A single gate driver for Enhancement mode GaN FETs
21-Dec-2022
STGAP2HD STMICROELECTRONICS-STGAP2HD Datasheet
803Kb / 24P
Galvanically isolated 4 A dual gate driver
Rev 2 - September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com