Electronic Components Datasheet Search
  English  ▼

X  

EVALSTGAP2SM Datasheet(PDF) 7 Page - STMicroelectronics

Part # EVALSTGAP2SM
Description  Demonstration board for STGAP2SM isolated 4 A single gate driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALSTGAP2SM Datasheet(HTML) 7 Page - STMicroelectronics

Back Button EVALSTGAP2SM Datasheet HTML 3Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 4Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 5Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 6Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 7Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 8Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 9Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 10Page - STMicroelectronics EVALSTGAP2SM Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DB3768 Rev 1
7/12
EVALSTGAP2SM
Bill of material
12
J10
WE 691243110007 or similar
Connector header block T.H. 6 POS 3.5 mm
Q1, Q2
To be selected by customer
N-channel IGBT or MOSFET up to 1700 V
TO-247 (or TO-220)
Q5, Q6
BCX56
Transistor NPN, SOT-89
R1, R5
22
Chip resistor, SMT 1210
R2, R4
2.2
Chip resistor, SMT 1210
R3
N.M.
Chip resistor, SMT 1206
R8, R9, R10, R11
100
Chip resistor, SMT 0603
R13, R15
0
Chip resistor, SMT 0603
R17
240
Chip resistor, SMT 0805
R19, R22
1 k
Chip resistor, SMT 0603
R23, R24
10 M
Chip resistor, SMT 1206
TP4, TP8, TP9
Test point
Loop test point, THT
TP10, TP11, TP12, TP13,
TP14, TP15, TP16, TP17,
TP18, TP19, TP20, TP21,
TP22, TP23
Test point
Pad test point, SMD
T1, T2
N.M.
Common mode choke TDK ACM4520, SMD
4.7 x 4.5 mm
U5, U6
MGJ2D051509SC
5 V to +15/-9 V Isolated DC-DC converter,
Murata
U1, U2
STGAP2SM
STGAP2SCM
Isolated 4 A single gate driver, SO8
Table 1. Bill of material (continued)
Part reference
Part value
Part description
EVALSTGAP2SM EVALSTGAP2SCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com