Electronic Components Datasheet Search
  English  ▼

X  

1750164 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1750164
Description  Feed-through header - MCDNV 1,5/ 8-G1-3,81 P14THR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1750164 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  1750164 Datasheet HTML 1Page - PHOENIX CONTACT 1750164 Datasheet HTML 2Page - PHOENIX CONTACT 1750164 Datasheet HTML 3Page - PHOENIX CONTACT 1750164 Datasheet HTML 4Page - PHOENIX CONTACT 1750164 Datasheet HTML 5Page - PHOENIX CONTACT 1750164 Datasheet HTML 6Page - PHOENIX CONTACT 1750164 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1750164
09/12/2020   Page 6 / 7
Feed-through header - MCDNV 1,5/ 8-G1-3,81 P14THR - 1750164
Approvals
IECEE CB Scheme 
 http://www.iecee.org/
 DE1-60987-B1B2
 
 
Nominal voltage UN
160 V
Nominal current IN
8 A
VDE Gutachten mit
Fertigungsüberwachung 
 http://www2.vde.com/de/Institut/Online-Service/
VDE-gepruefteProdukte/Seiten/Online-Suche.aspx
 40011723
 
 
Nominal voltage UN
160 V
Nominal current IN
8 A
EAC 
 
 B.01687
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E60425-20110128
 
B
D
Nominal voltage UN
150 V
150 V
Nominal current IN
8 A
8 A
Accessories
Additional products
Printed-circuit board connector - FMC 1,5/ 8-ST-3,81 - 1748037
PCB connector, nominal current: 8 A, rated voltage (III/2): 160 V, nominal cross section: 1.5 mm², number of
positions: 8, pitch: 3.81 mm, connection method: Push-in spring connection, color: green, contact surface: Tin
 
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com