Electronic Components Datasheet Search
  English  ▼

X  

1750164 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1750164
Description  Feed-through header - MCDNV 1,5/ 8-G1-3,81 P14THR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1750164 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1750164 Datasheet HTML 1Page - PHOENIX CONTACT 1750164 Datasheet HTML 2Page - PHOENIX CONTACT 1750164 Datasheet HTML 3Page - PHOENIX CONTACT 1750164 Datasheet HTML 4Page - PHOENIX CONTACT 1750164 Datasheet HTML 5Page - PHOENIX CONTACT 1750164 Datasheet HTML 6Page - PHOENIX CONTACT 1750164 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1750164
09/12/2020   Page 2 / 7
Feed-through header - MCDNV 1,5/ 8-G1-3,81 P14THR - 1750164
Technical data
General
Range of articles
MCDNV 1,5/..-G1-THR
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Maximum load current
8 A (per position)
Insulating material
LCP
Flammability rating according to UL 94
V0
Color
black
Number of positions
8
Standards and Regulations
Connection in acc. with standard
EN-VDE
CUL
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com