Electronic Components Datasheet Search
  English  ▼

X  

1750164 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1750164
Description  Feed-through header - MCDNV 1,5/ 8-G1-3,81 P14THR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1750164 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1750164 Datasheet HTML 1Page - PHOENIX CONTACT 1750164 Datasheet HTML 2Page - PHOENIX CONTACT 1750164 Datasheet HTML 3Page - PHOENIX CONTACT 1750164 Datasheet HTML 4Page - PHOENIX CONTACT 1750164 Datasheet HTML 5Page - PHOENIX CONTACT 1750164 Datasheet HTML 6Page - PHOENIX CONTACT 1750164 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1750164
09/12/2020   Page 1 / 7
Feed-through header - MCDNV 1,5/ 8-G1-3,81 P14THR - 1750164
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 8 A, rated voltage (III/2): 160 V, nominal cross section: 1.5 mm², number of
positions: 8, pitch: 3.81 mm, color: black, contact surface: Tin, mounting: THR soldering, pin layout: Linear
pinning, solder pin [P]: 1.4 mm, The pin length is 1.4 mm. User information and design recommendations on
Through Hole Reflow Technology can be found at: Downloads".
The figure shows a 10-pos. version
with 20 contacts
Your advantages
 Designed for integration into the SMT soldering process
 Vertical connection enables multi-row arrangement on the PCB
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
Key Commercial Data
Packing unit
35 pc
Minimum order quantity
35 pc
GTIN
GTIN
4046356314596
Technical data
Dimensions
Length [ l ]
15.2 mm
Width
31.57 mm
Pitch
3.81 mm
Dimension a
26.67 mm
Width [ w ]
31.57 mm
Height [ h ]
14.7 mm
Installed height
13.3 mm
Length of the solder pin
1.4 mm
Pin dimensions
0.8 x 0.8 mm
Pin spacing
8.30 mm
Length
15.2 mm


Similar Part No. - 1750164

ManufacturerPart #DatasheetDescription
logo
Aven, Inc.
17501 AVEN-17501 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 6pc
logo
Theben AG
1750100 THEBEN-1750100 Datasheet
543Kb / 3P
Time and light control Digital time switches
07/04/2025
logo
PHOENIX CONTACT
1750106 PHOENIX-1750106 Datasheet
487Kb / 12P
MCDNV 1,5/ 2-G1-3,81 P14THR - PCB header
logo
List of Unclassifed Man...
1750110B1 ETC2-1750110B1 Datasheet
67Kb / 2P
CORDSET - NORTH AMERICAN DETACHABLE POWER SUPPLY CORD
logo
PHOENIX CONTACT
1750119 PHOENIX-1750119 Datasheet
472Kb / 11P
MCDNV 1,5/ 3-G1-3,81 P14THR - PCB header
More results

Similar Description - 1750164

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1954032 PHOENIX-1954032 Datasheet
152Kb / 7P
Feed-through header - MCDN 1,5/12-G1-3,5 P14THR
1954045 PHOENIX-1954045 Datasheet
145Kb / 7P
Feed-through header - MCDN 1,5/13-G1-3,5 P14THR
1749340 PHOENIX-1749340 Datasheet
137Kb / 7P
Feed-through header - MCDN 1,5/ 3-G1-3,81 P14THR
1954100 PHOENIX-1954100 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/19-G1-3,5 P14THR
1952623 PHOENIX-1952623 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/14-G1-3,5 RNP14THR
1952649 PHOENIX-1952649 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/16-G1-3,5 RNP14THR
1952568 PHOENIX-1952568 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 8-G1-3,5 RNP14THR
1953936 PHOENIX-1953936 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/ 4-G1-3,5 P14THR
1953949 PHOENIX-1953949 Datasheet
136Kb / 7P
Feed-through header - MCDN 1,5/ 5-G1-3,5 P14THR
1953127 PHOENIX-1953127 Datasheet
564Kb / 12P
MCDNV 1,5/13-G1-3,5 P14THR - PCB header
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com