Electronic Components Datasheet Search
  English  ▼

X  

ARF476FL Datasheet(PDF) 7 Page - Microchip Technology

Part # ARF476FL
Description  500 V, 900 W, 128 MHz RF Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ARF476FL Datasheet(HTML) 7 Page - Microchip Technology

Back Button ARF476FL Datasheet HTML 3Page - Microchip Technology ARF476FL Datasheet HTML 4Page - Microchip Technology ARF476FL Datasheet HTML 5Page - Microchip Technology ARF476FL Datasheet HTML 6Page - Microchip Technology ARF476FL Datasheet HTML 7Page - Microchip Technology ARF476FL Datasheet HTML 8Page - Microchip Technology ARF476FL Datasheet HTML 9Page - Microchip Technology ARF476FL Datasheet HTML 10Page - Microchip Technology ARF476FL Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2.
Test Circuits
The following figure shows the test circuit of the ARF476FL device.
Figure 2-1. 128 MHz Test Circuit
The following image shows the peak output power versus Vdd and duty cycle.
Figure 2-2. Peak Output Power vs. Vdd and Duty Cycle
Note:  The value of L1 must be adjusted as the supply voltage is changed to maintain resonance in the output
circuit. At 128 MHz its value changes from approximately 40 nH at 100 V, to 30 nH at 150 V.
With the 50 Ω drain-to-drain load, the duty cycle above 100 V must be reduced to ensure power dissipation is within
the limits of the device. Maximum pulse length should be 100 ms or less.
ARF476FL
Test Circuits
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004436A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com