Electronic Components Datasheet Search
  English  ▼

X  

ARF476FL Datasheet(PDF) 9 Page - Microchip Technology

Part # ARF476FL
Description  500 V, 900 W, 128 MHz RF Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ARF476FL Datasheet(HTML) 9 Page - Microchip Technology

Back Button ARF476FL Datasheet HTML 5Page - Microchip Technology ARF476FL Datasheet HTML 6Page - Microchip Technology ARF476FL Datasheet HTML 7Page - Microchip Technology ARF476FL Datasheet HTML 8Page - Microchip Technology ARF476FL Datasheet HTML 9Page - Microchip Technology ARF476FL Datasheet HTML 10Page - Microchip Technology ARF476FL Datasheet HTML 11Page - Microchip Technology ARF476FL Datasheet HTML 12Page - Microchip Technology ARF476FL Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Thermal Considerations and Package Mounting
The rated power dissipation is only available when the package mounting surface is at 25 °C and the junction
temperature is 175 °C. The thermal resistance between junctions and case mounting surface is 0.16 °C/W. When
installed, an additional thermal impedance of 0.15 °C/W between the package base and the mounting surface is
typical. Ensure that the mounting surface is smooth and flat. Thermal joint compound must be used to reduce the
effects of small surface irregularities. Use the minimum amount necessary to coat the surface. The heat sink should
incorporate a copper heat spreader to obtain best results.
The package design clamps the ceramic base to the heat sink. A clamped joint maintains the required mounting
pressure while allowing for thermal expansion of both the base and the heat sink. Four 4-40 (M3) screws provide the
required mounting force. T = 3-4 in-lb (0.34 - 0.45 N-m).
ARF476FL
Package Specification
© 2022 Microchip Technology Inc.
and its subsidiaries
Datasheet
DS00004436A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com