Electronic Components Datasheet Search
  English  ▼

X  

MIC38C42 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC38C42
Description  BiCMOS Current-Mode PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC38C42 Datasheet(HTML) 5 Page - Microchip Technology

  MIC38C42 Datasheet HTML 1Page - Microchip Technology MIC38C42 Datasheet HTML 2Page - Microchip Technology MIC38C42 Datasheet HTML 3Page - Microchip Technology MIC38C42 Datasheet HTML 4Page - Microchip Technology MIC38C42 Datasheet HTML 5Page - Microchip Technology MIC38C42 Datasheet HTML 6Page - Microchip Technology MIC38C42 Datasheet HTML 7Page - Microchip Technology MIC38C42 Datasheet HTML 8Page - Microchip Technology MIC38C42 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2020 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006436B-page 5
MIC38C42/43/44/45
EQUATION 1-1:
Undervoltage Lockout
Start Threshold
VTH(ST)
13.5
14.5
15.5
V
MIC38C42/44
7.8
8.4
9.0
V
MIC38C43/45
Minimum Operating
Voltage
VDD(MIN)
8
9
10
V
MIC38C42/44
7.0
7.6
8.2
V
MIC38C43/45
Pulse Width Modulator
Maximum Duty Cycle
DMAX
94
96
—
%
MIC38C42/43
46
50
—
%
MIC38C44/45
Minimum Duty Cycle
DMIN
—
—
0
%
—
Total Standby Current
Start-Up Current
IDD(START)
—
50
200
µA
VDD = 13V for MIC38C42/44
VDD = 7.5V for MIC38C43/45
Operating Supply
Current
IDD(Q)
—
4.0
6.0
mA
VFB = VISNS = 0V
Zener Voltage at VDD
Pin
VZ
30
37
—
V
IDD = 25 mA, Note 6
Note 1: Specification for packaged product only.
2: These parameters, although guaranteed, are not 100% tested in production.
3: Output frequency equals oscillator frequency for the MIC38C42 and MIC38C43. Output frequency for the
MIC38C44 and MIC38C45 equals one-half the oscillator frequency.
4: Parameter measured at trip point of latch with VFB = 0V.
5: Gain defined as Equation 1-1; 0V ≤ VTH(ISNS) ≤ 0.8V.
6: On the 8-pin version, 20V is the maximum input on Pin 7 because this is also the supply pin for the output
stage. On the 14-pin version, 40V is the maximum for Pin 12 and 20V is the maximum for Pin 11.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VDD = 15V, Adjust VDD above the start threshold before setting at 15V; RT = 11.0 kΩ;
CT = 3.3 nF; –40°C ≤ TA ≤ +85°C; unless noted. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
ADIV
VCOMP
VTH ISNS
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com