Electronic Components Datasheet Search
  English  ▼

X  

MIC38C42 Datasheet(PDF) 9 Page - Microchip Technology

Part # MIC38C42
Description  BiCMOS Current-Mode PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC38C42 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MIC38C42 Datasheet HTML 5Page - Microchip Technology MIC38C42 Datasheet HTML 6Page - Microchip Technology MIC38C42 Datasheet HTML 7Page - Microchip Technology MIC38C42 Datasheet HTML 8Page - Microchip Technology MIC38C42 Datasheet HTML 9Page - Microchip Technology MIC38C42 Datasheet HTML 10Page - Microchip Technology MIC38C42 Datasheet HTML 11Page - Microchip Technology MIC38C42 Datasheet HTML 12Page - Microchip Technology MIC38C42 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2020 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006436B-page 9
MIC38C42/43/44/45
4.0
FUNCTIONAL DESCRIPTION
Familiarity with 384x converter designs is assumed.
4.1
MIC38C4x Advantages
4.1.1
START-UP CURRENT
Start-up current has been reduced to an ultra-low
50 μA
(typical)
permitting
higher-resistance,
lower-wattage, start-up resistors (powers controller
during power supply start-up). The reduced resistor
wattage reduces cost and printed circuit space.
4.1.2
OPERATING CURRENT
Quiescent operating current has been reduced to 4 mA
compared to 11 mA for a typical bipolar controller. The
controller runs cooler and the VDD hold-up capacitance
required during start-up may be reduced.
4.1.3
OUTPUT DRIVER
Complementary internal P-channel and N-channel
MOSFETs produce rail-to-rail output voltages for better
performance driving external power MOSFETs. The
driver transistor’s low on resistance and high peak
current capability can drive gate capacitances of
greater than 1000 pF. The value of output capacitance
which can be driven is determined only by the rise/fall
time requirements. Within the restrictions of output
capacity and controller power dissipation, maximum
switching frequency can approach 500 kHz.
4.2
Design Precautions
When operating near 20V, circuit transients can easily
exceed the 20V absolute maximum rating,
permanently damaging the controller’s CMOS
construction. To reduce transients, connect a 0.1 μF
low-ESR capacitor to next to the controller’s supply
VDD (or VD for ‘-1’ versions) and ground connections.
Film type capacitors, such as Wima MKS2, are
recommended.
When designing high-frequency converters, avoid
capacitive and inductive coupling of the switching
waveform into high impedance circuitry such as the
error amplifier, oscillator, and current sense amplifier.
Avoid long printed-circuit traces and component leads.
Locate oscillator and compensation circuitry near the
IC. Use high frequency decoupling capacitors on VREF,
and if necessary, on VDD. Return high di/dt currents
directly to their source and use large area ground
planes.
4.3
Buck Converter
Refer to Figure 4-1. When at least 26V is applied to the
input, C5 is charged through R2 until the voltage VDD is
greater than 14.5V (the undervoltage lockout value of
the MIC38C42). Output switching begins when Q1 is
turned on by the gate drive transformer T1, charging
the output filter capacitor C3 through L1. D5 supplies a
regulated +12V to VDD once the circuit is running.
Current sense transformer CT1 provides current
feedback to ISNS for current-mode operation and
cycle-by-cycle current limiting. This is more efficient
than a high-power sense resistor and provides the
required ground-referenced level shift.
When Q1 turns off, current flow continues from ground
through D1 and L1 until Q1 is turned on again.
The 100V Schottky diode D1 reduces the forward
voltage drop in the main current path, resulting in
higher efficiency than could be accomplished using an
ultra-fast-recovery diode. R1 and C2 suppress parasitic
oscillations from D1.
Using a high-value inductance for L1 and a low-ESR
capacitor for C3 permits small capacitance with
minimum output ripple. This inductance value also
improves circuit efficiency by reducing the flux swing in
L1.
Magnetic components are carefully chosen for minimal
loss at 500 kHz. CT1 and T1 are wound on Magnetics,
Inc. P-type material toroids. L1 is wound on a Siemens
N49 EFD core.
TABLE 4-1:
MAGNETIC COMPONENTS
Symbol
Custom Coils
(Note 1)
ETS
(Note 2)
CT1
4923
ETS 92420
T1
4924
ETS 92419
L1
4925
ETS 92421
Note 1: Custom Coils, Alcester, SD. Tel: (605)
934-2460.
2: Energy Transformation Systems, Inc. Tel:
(510) 656-2012.
TABLE 4-2:
COMPONENT TEST RESULTS
Test
Conditions
Results
Line
Regulation
VIN = 26V to 80V,
VOUT = 12V, IO = 2A
0.5%
Load
Regulation
VIN = 48V, VOUT = 12V,
IO = 0.2A to 2A
0.6%
Efficiency
VIN = 48V, VOUT = 12V,
IO = 2A
90%
Output Ripple VIN = 48V, VOUT = 12V,
IO = 2A (20 MHz BW)
100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com