Electronic Components Datasheet Search
  English  ▼

X  

MIC38C42 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC38C42
Description  BiCMOS Current-Mode PWM Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC38C42 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC38C42 Datasheet HTML 7Page - Microchip Technology MIC38C42 Datasheet HTML 8Page - Microchip Technology MIC38C42 Datasheet HTML 9Page - Microchip Technology MIC38C42 Datasheet HTML 10Page - Microchip Technology MIC38C42 Datasheet HTML 11Page - Microchip Technology MIC38C42 Datasheet HTML 12Page - Microchip Technology MIC38C42 Datasheet HTML 13Page - Microchip Technology MIC38C42 Datasheet HTML 14Page - Microchip Technology MIC38C42 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2020 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006436B-page 11
MIC38C42/43/44/45
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Note:
If the full seven-character YYWWNNN code cannot fit on the package, the following truncated codes are
used based on the available marking space:
6 Characters = YWWNNN; 5 Characters = WWNNN; 4 Characters = WNNN; 3 Characters = NNN;
2 Characters = NN; 1 Character = N
8-Lead SOIC*
Example
XXX
WNNN
XXXXXXX
MIC
89Z3
38C42YM
8-Lead MSOP*
(Front)
Example
XXX
XXXX
YMM
3843
8-Lead DIP*
Example
XXX
WNNN S
XXXXXXX
MIC
2PF8 S
38C43YN
14-Lead DIP*
Example
14-Lead SOIC*
Example
XXX
WNNN S
XXXXX-XXX
MIC
1U71 S
38C45-1YM
XXX
WNNN S
XXXXX-XXX
MIC
992W S
38C44-1YN
8-Lead MSOP*
(Back)
Example
WNNN
8W7F
Legend: XX...X Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com