Electronic Components Datasheet Search
  English  ▼

X  

STPS2H100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2H100
Description  100 V, 2 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2H100_V01 Datasheet HTML 1Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 2Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 3Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 4Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 5Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 6Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 7Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 8Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
•
Negligible switching losses
•
High junction temperature capability
•
Low leakage current
•
Good trade-off between leakage current and forward voltage drop
•
Avalanche capability specified
•
ECOPACK2 component
Applications
•
Switching diode
•
Battery charger
•
SMPS
•
DC / DC converter
•
Telecom power
•
LED lighting
Description
This Schottky rectifier is designed for high frequency miniature switched mode power
supplies such as adaptors and on board DC/DC converters.
Packaged in SMA, SMA Flat, SMB, SMB Flat and SMA Flat Notch, the STPS2H100
is ideal for use in lighting and telecom power applications.
Product status link
STPS2H100
Product summary
Symbol
Value
IF(AV)
2 A
VRRM
100 V
Tj (max.)
175 °C
VF (max.)
0.65 V
100 V, 2 A power Schottky rectifier
STPS2H100
Datasheet
DS1452 - Rev 10 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS2H100_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
Automotive power Schottky rectifier
03-Dec-2010
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
233Kb / 13P
Automotive 100 V - 2 A power Schottky diode
11-Feb-2021
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y_V01 Datasheet
233Kb / 13P
Automotive 100 V - 2 A power Schottky diode
11-Feb-2021
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS2H100AFY STMICROELECTRONICS-STPS2H100AFY Datasheet
233Kb / 13P
Automotive 100 V - 2 A power Schottky diode
11-Feb-2021
More results

Similar Description - STPS2H100_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS240H100TV1Y STMICROELECTRONICS-STPS240H100TV1Y Datasheet
180Kb / 8P
Automotive 100 V, 2 x 120 A, power Schottky rectifier
12-Jun-2020
STPS20M100S STMICROELECTRONICS-STPS20M100S_V01 Datasheet
369Kb / 15P
100 V, 20 A power Schottky rectifier
Rev 5 - February 2019
STPST2H100-Y STMICROELECTRONICS-STPST2H100-Y Datasheet
449Kb / 12P
Automotive 100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
logo
Nexperia B.V. All right...
PMEG100T20ELXD-Q NEXPERIA-PMEG100T20ELXD-Q Datasheet
254Kb / 13P
100 V, 2 A Trench Schottky barrier rectifier
1 April 2022
PMEG100T20ELXD NEXPERIA-PMEG100T20ELXD Datasheet
255Kb / 13P
100 V, 2 A Trench Schottky barrier rectifier
1 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com