Electronic Components Datasheet Search
  English  ▼

X  

STPS2H100 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS2H100
Description  100 V, 2 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100 Datasheet(HTML) 3 Page - STMicroelectronics

  STPS2H100_V01 Datasheet HTML 1Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 2Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 3Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 4Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 5Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 6Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 7Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 8Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
For more information, please refer to the following application notes related to the power losses :
•
AN604: Calculation of conduction losses in a power rectifier
•
AN4021: Calculation of reverse losses on a power diode
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
P
( W)
F(AV)
T
=tp/T
tp
= 1
= 0.1
= 0.05
= 0.5
= 0.2
δ
δ
δ
δ
δ
δ
IF(AV)(A)
Figure 2. Average forward current versus ambient
temperature (δ = 0.5, SMA / SMB)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
25
50
75
100
125
150
175
I
(A)
F(AV)
T
=tp/T
tp
SMB
R
= 80°C/W
S
= 1.5cm
th(j-a)
(CU)
2
T
(°C )
amb
R
=R
th(j-a)
t h(j-I)
SMA
R
= 100°C/W
S
= 1.5cm
th(j-a)
(CU)
2
SMA
SMB
δ
Figure 3. Average forward current versus ambient
temperature (δ = 0.5, SMB Flat)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
25
50
75
100
125
150
175
SMBflat
R
= R
th(j-a)
th(j-l)
R
= 40 °C/W
th(j-a)
S
= 2.5 cm
CU
2
I
(A)
F(AV)
T
δ=tp/T
tp
T
(°C)
amb
Figure 4. Average forward current versus ambient
temperature (δ = 0.5, SMA Flat, SMA Flat Notch)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
2 5
5 0
7 5
100
125
150
175
Rth(j-a)=Rth(j-l)
T
δ=tp/T
tp
T
(°C)
amb
I
(A)
F(AV)
SMA Flat
SMA Flat Notch
STPS2H100
Characteristics (curves)
DS1452 - Rev 10
page 3/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com