Electronic Components Datasheet Search
  English  ▼

X  

STPS2H100 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS2H100
Description  100 V, 2 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2H100 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS2H100_V01 Datasheet HTML 6Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 7Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 8Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 9Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 10Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 11Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 12Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 13Page - STMicroelectronics STPS2H100_V01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Figure 21. SMA Flat Notch recommended footprint in mm (inches)
3.12
(0.123)
5.52
(0.217)
1.20
1.52
(0.060)
1.20
)
47
0
.
0
(
)
.047
0
(
STPS2H100
SMA Flat Notch package information
DS1452 - Rev 10
page 10/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com