Electronic Components Datasheet Search
  English  ▼

X  

SPC572LX Datasheet(PDF) 63 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 63 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 59Page - STMicroelectronics SPC572LX Datasheet HTML 60Page - STMicroelectronics SPC572LX Datasheet HTML 61Page - STMicroelectronics SPC572LX Datasheet HTML 62Page - STMicroelectronics SPC572LX Datasheet HTML 63Page - STMicroelectronics SPC572LX Datasheet HTML 64Page - STMicroelectronics SPC572LX Datasheet HTML 65Page - STMicroelectronics SPC572LX Datasheet HTML 66Page - STMicroelectronics SPC572LX Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
DocID027866 Rev 5
63/112
SPC572Lx
Electrical characteristics
111
3.15.1
Power management integration
Refer to the integration scheme provided below to ensure correct functionality of the device.
Figure 18. Voltage regulator capacitance connection
The internal voltage regulator requires external capacitance (CREGn) to be connected to the
device in order to provide a stable low voltage digital supply to the device. Capacitances
should be placed on the board as near as possible to the associated pins. Care should also
be taken to limit the serial inductance of the board to less than 5 nH.
A decoupling capacitor must be placed between each VDD_LV supply pin and VSS ground
plane to ensure stable voltage. The capacitor should be placed as near as possible to the
VDD_LV supply pin.
3.15.2
Main voltage regulator electrical characteristics
The device implements an internal voltage regulator to generate the low voltage core supply
VDD_LV from the high voltage ballast supply VDD_BV_PMC. The regulator itself is supplied by
VDD_HV_PMC.
Note:
Both HV supplies, VDD_HV_PMC and VDD_BV_PMC, are shorted with VDD_HV_IO supply at
package level.
DEVICE
VSS
VDD_HV_IO
VDD_LV
CDECHV
VSS
VDD_LV
VDD_LV
CDECREG2
DEVICE
VDD_HV_IO_MAIN
I
VDD_LVn
VREF
VDD_HV_PMC
Voltage
VSS
VSS
VSS
VDD_LV
(LV_COR)
CREG
(LV_COR)
VDD_HV_PMC
CDECBV
(regulator supply decoupling)
(regulator supply decoupling)
Regulator
VSS
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com