Electronic Components Datasheet Search
  English  ▼

X  

SPC572LX Datasheet(PDF) 98 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 98 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 94Page - STMicroelectronics SPC572LX Datasheet HTML 95Page - STMicroelectronics SPC572LX Datasheet HTML 96Page - STMicroelectronics SPC572LX Datasheet HTML 97Page - STMicroelectronics SPC572LX Datasheet HTML 98Page - STMicroelectronics SPC572LX Datasheet HTML 99Page - STMicroelectronics SPC572LX Datasheet HTML 100Page - STMicroelectronics SPC572LX Datasheet HTML 101Page - STMicroelectronics SPC572LX Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 112 page
background image
Package characteristics
SPC572Lx
98/112
DocID027866 Rev 5
4.4.1
General notes for specifications at maximum junction temperature
An estimation of the chip junction temperature, TJ, can be obtained from the equation:
Equation 1 TJ = TA + (RθJA * PD)
where:
TA = ambient temperature for the package (°C)
RθJA = junction-to-ambient thermal resistance (°C/W)
PD = power dissipation in the package (W)
The thermal resistance values used are based on the JEDEC JESD51 series of standards to
provide consistent values for estimations and comparisons. The difference between the
values determined for the single-layer (1s) board compared to a four-layer board that has two
signal layers, a power and a ground plane (2s2p), demonstrate that the effective thermal
resistance is not a constant. The thermal resistance depends on the:
•
Construction of the application board (number of planes)
•
Effective size of the board which cools the component
•
Quality of the thermal and electrical connections to the planes
•
Power dissipated by adjacent components
Connect all the ground and power balls to the respective planes with one via per ball. Using
fewer vias to connect the package to the planes reduces the thermal performance. Thinner
planes also reduce the thermal performance. When the clearance between the vias leave the
planes virtually disconnected, the thermal performance is also greatly reduced.
Table 54. Thermal characteristics for eTQFP100(1)
Symbol
C
Parameter
Conditions
Value
Unit
RθJA
CC
D
Junction-to-ambient, natural
convection(2)
Four layer board—2s2p
27.9
°C/W
RθJMA
CC
D
Junction-to-moving-air, ambient(2)
At 200 ft./min., four layer
board—2s2p
22.8
°C/W
RθJB
CC
D
Junction-to-board(3)
Ring cold plate
11.3
°C/W
RθJCtop
CC
D
Junction-to-case top(4)
Cold plate
13.0
°C/W
RθJCbotttom CC
D
Junction-to-case bottom(5)
Cold plate
1.0
°C/W
ΨJT
CC
D
Junction-to-package top(6)
Natural convection
0.4
°C/W
1. The values are based on simulation; actual data may vary in the given range. The specified characteristics are subject to
change per final device design and characterization. Junction temperature is a function of die size, on-chip power
dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air flow, power
dissipation of other components on the board, and board thermal resistance.
2. Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
3. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
4. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
5. Thermal resistance between the die and the solder pad on the bottom of the package. Interface resistance is ignored.
6. Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com