Electronic Components Datasheet Search
  English  ▼

X  

SPC572LX Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 1 Page - STMicroelectronics

  SPC572LX Datasheet HTML 1Page - STMicroelectronics SPC572LX Datasheet HTML 2Page - STMicroelectronics SPC572LX Datasheet HTML 3Page - STMicroelectronics SPC572LX Datasheet HTML 4Page - STMicroelectronics SPC572LX Datasheet HTML 5Page - STMicroelectronics SPC572LX Datasheet HTML 6Page - STMicroelectronics SPC572LX Datasheet HTML 7Page - STMicroelectronics SPC572LX Datasheet HTML 8Page - STMicroelectronics SPC572LX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 112 page
background image
This is information on a product in full production.
July 2017
DocID027866 Rev 5
1/112
SPC572Lx
32-bit Power Architecture® based MCU for automotive powertrain
applications
Datasheet
- production data
Features
• AEC-Q100 qualified
• One main 32-bit Power Architecture® VLE
Compliant CPU core, single issue
– Single-precision floating point operations
• 1568 KB on-chip RWW flash memory
– Supporting EEPROM emulation (32 KB)
• 64 KB general-purpose data SRAM
• System Memory Protection Unit (SMPU)
• Multi-channel direct memory access controllers
(eDMA) with 16-channel for up to 60 DMA
sources
• Interrupt controller (INTC)
• Four 32-bit and one 64-bit Periodic Interrupt
Timer channels (PIT)
• Single phase-locked loops with stable clock
domain for peripherals and core (PLL)
• System integration unit lite (SIUL2)
• Boot assist flash (BAF) supports factory
programming through UART/LIN, CAN
• Generic timer module (GTM101)
– Intelligent complex timer module
– 72 channels (16 input and 56 output)
• Enhanced analog-to-digital converter system
with:
– Three 12-bit SAR analog converters
– One 16-bit Sigma-Delta analog converters
• Decimation unit to support SD ADC data
conditioning
• Two deserial serial peripheral interface (DSPI)
modules
• Two LIN and UART communication interfaces
(LINFlexD) modules
• One μs-bus channel (composed by one DSPI
and one LINFlexD)
• Four SENT channels
• Two modular controller area network (M_CAN)
modules
• Fast Ethernet controller (FEC)
• Fast Asynchronous Serial Transmission
(LFAST)
• Nexus development interface (NDI) per IEEE-
ISTO 5001-2003 standard, with some support
for 2010 standard
• Device and board test support per Joint Test
Action Group (JTAG) (IEEE 1149.1 and IEEE
1149.7)
• Single 5 V +/-10% Power supply supporting
cold start conditions (down to 3.0 V)
• Self Test capability
• Designed for eTQFP80 and eTQFP100
eTQFP100
14 mm ×14mm × 1.0mm
0.5 mm pitch
eTQFP80
10 mm × 10 mm × 1.0 mm
0.4 mm pitch
Table 1. Device summary
Memory Flash size
Root Part Numbers
Package eTQFP80
Package eTQFP100
1056 KByte
SPC572L60F2
SPC572L60E3
1568 KByte
SPC572L64F2
SPC572L64E3
www.st.com


Similar Part No. - SPC572LX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC572L-DISP STMICROELECTRONICS-SPC572L-DISP Datasheet
113Kb / 4P
SPC572L-DISP Discovery board
19-Nov-2018
SPC572LADPT100S STMICROELECTRONICS-SPC572LADPT100S Datasheet
243Kb / 4P
SPC572LADPT80S, SPC572LADPT100S microcontroller premium evaluation boards for SPC572Lx
01-Jul-2015
SPC572LADPT80S STMICROELECTRONICS-SPC572LADPT80S Datasheet
243Kb / 4P
SPC572LADPT80S, SPC572LADPT100S microcontroller premium evaluation boards for SPC572Lx
01-Jul-2015
More results

Similar Description - SPC572LX

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
32-bit MCU family built on the Power Architecture for automotive body electronics applications
17-Sep-2013
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
32-bit Power Architecture based MCU for automotive applications
22-Jul-2015
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
32-bit Power Architecture microcontroller for automotive ASIL-B applications
10-Sep-2019
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
01-Jul-2019
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
32-bit Power Architecture microcontroller for automotive ASILD applications
14-Feb-2020
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
26-Jul-2019
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
32-bit Power Architecture microcontroller for automotive ASIL-D applications
06-Dec-2021
logo
Infineon Technologies A...
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT4DN INFINEON-CYT4DN Datasheet
4Mb / 209P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
Rev. I 2023-02-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com