Electronic Components Datasheet Search
  English  ▼

X  

STA369BWS Datasheet(PDF) 75 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 71Page - STMicroelectronics STA369BWS Datasheet HTML 72Page - STMicroelectronics STA369BWS Datasheet HTML 73Page - STMicroelectronics STA369BWS Datasheet HTML 74Page - STMicroelectronics STA369BWS Datasheet HTML 75Page - STMicroelectronics STA369BWS Datasheet HTML 76Page - STMicroelectronics STA369BWS Datasheet HTML 77Page - STMicroelectronics STA369BWS Datasheet HTML 78Page - STMicroelectronics STA369BWS Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
DocID016861 Rev 7
75/92
STA369BWS
Register description
92
7.17
Short-circuit protection mode registers SHOK (addr 0x46)
The following power-bridge pins short-circuit protection are implemented in Root part
number 1:
OUTxx vs GNDx
OUTxx vs VCCx
The protection is enabled when register MISC2 (address 0x4C) bit SHEN is set to 1. The
protection checks the short circuit when EAPD bit is toggled from 0 to 1 (that is, the power
bridge is switched on), and only if it passes the test (no short) will the power bridge leave the
3-state condition.
Register 0x46 (read-only register) gives more information about the detected short type.
GNDxx equal to 0 means that OUTxx is shorted to ground, while the same value on VCCxx
means that OUTxx is shorted to VCC.
To be noted that once the check is performed, and the tristate released, the short-circuit
protection is not active again until the next EAPD 0 -> 1 toggling. It means that shorts
happening during normal operation are not detected.
The content of register 0x46 is meaningful only after EAPD bit is set to 1 at least once.
The short-circuit protection implemented is effective only in BTL configuration, and it must
not be activated (that is, SHEN must be 0) in single-ended applications.
Table 86. Bits VRESEN and VRESTG description
VRESEN
VRESTG
Mode
0
0
Extra volume resolution disabled
0
1
Extra volume resolution disabled
1
0
Fine volume tuning enabled and applied immediately
11
Fine volume tuning enabled and applied when master or
channel volume is updated
D7
D6
D5
D4
D3
D2
D1
D0
GND1A
GND1B
GND2A
GND2B
VCC1A
VCC1B
VCC2A
VCC2B
11111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com