Electronic Components Datasheet Search
  English  ▼

X  

STA369BWS Datasheet(PDF) 81 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 77Page - STMicroelectronics STA369BWS Datasheet HTML 78Page - STMicroelectronics STA369BWS Datasheet HTML 79Page - STMicroelectronics STA369BWS Datasheet HTML 80Page - STMicroelectronics STA369BWS Datasheet HTML 81Page - STMicroelectronics STA369BWS Datasheet HTML 82Page - STMicroelectronics STA369BWS Datasheet HTML 83Page - STMicroelectronics STA369BWS Datasheet HTML 84Page - STMicroelectronics STA369BWS Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
DocID016861 Rev 7
81/92
STA369BWS
Register description
92
Power down delay selector (PNDLSL[2:0]) bits
As per register MISC1 (addr 0x4B) on page 78, the assertion of PWDN activates a counter
that, by default, after 13 million clock cycles, puts the power bridge in tristate mode
independently from the fade out time. Using these registers it is possible to program this
counter as per the table below.
Short-circuit check enable (SHEN) bit
This bit, when enabled, activates the short-circuit checks before any power bridge activation
(EAPD bit 0 -> 1). See Section 7.17 on page 75 for more details.
7.21
Global DRC after B2DRC (GDRC) bit (addr 0x4D, bit D0)
GDRC bit, when set, changes the architecture configuration of the dual band DRC. As a
consequence, the block diagram, illustrated by the Figure 20: B2DRC scheme on page 69,
becomes that shown in Figure 27 below.
Figure 27. Global DRC after B2DRC
The final effect is a global DRC after the dual band DRC. This architecture aims to limit the
signal overshoot, generated by the different phases of the two processed data paths of the
B2DRC architecture, that could happen between the two bands.
Note:
If GDRC is enabled, C3VR[0] and C3VR[1] must be set to 0 (default values).
Table 90. PNDLSL bits configuration
PNDLSL[2]
PNDLSL[1]
PNDLSL[0]
Fade-out time
0
0
0
Default time (13 x 106 PLL clock cycles)
0
0
1
Default time divided by 2
0
1
0
Default time divided by 4
0
1
1
Default time divided by 8
1
0
0
Default time divided by 16
1
0
1
Default time divided by 32
1
1
0
Default time divided by 64
1
1
1
Default time divided by 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com