Electronic Components Datasheet Search
  English  ▼

X  

STA369BWS Datasheet(PDF) 80 Page - STMicroelectronics

Part # STA369BWS
Description  2.1-channel 40-watt high-efficiency digital audio system Sound Terminal®
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA369BWS Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STA369BWS Datasheet HTML 76Page - STMicroelectronics STA369BWS Datasheet HTML 77Page - STMicroelectronics STA369BWS Datasheet HTML 78Page - STMicroelectronics STA369BWS Datasheet HTML 79Page - STMicroelectronics STA369BWS Datasheet HTML 80Page - STMicroelectronics STA369BWS Datasheet HTML 81Page - STMicroelectronics STA369BWS Datasheet HTML 82Page - STMicroelectronics STA369BWS Datasheet HTML 83Page - STMicroelectronics STA369BWS Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
Register description
STA369BWS
80/92
DocID016861 Rev 7
7.20.2
MISC2 (addr 0x4C)
External amplifier hardware pin enable (LPDP, LPD LPDE) bits
Pin 32 (INT_LINE), described in Table 2, normally indicates a fault condition. However,
using the following register settings, pin 32 can be reconfigured as the hardware pin enabler
for an external headphone or line amplifier.
In particular LPDE bit, when set, activates this function. Accordingly, LPD is exported to
pin 32 and in case of power down assertion pin 32 is tied to LPDP.
LPDP bit, when set, negates the value programmed as LPD value.
This is summarized in the following table.
Figure 26. Alternate function for INT_LINE pin
D7
D6
D5
D4
D3
D2
D1
D0
LPDP
LPD
LPDE
PNDLSL[2]
PNDLSL[1]
PNDLSL[0]
Reserved
SHEN
00000000
Table 89. External amplifier enabler configuration bits
LPDP
LPD
LPDE
Pin 32 output
x
x
0
INT_LINE
0010
0111
1011
1110
Y
N
0
LPD
0
1
LPDP
0
1
Power bridge fault
INT_LINE
LPDE
“is the device in powerdown?”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com