Electronic Components Datasheet Search
  English  ▼

X  

30C02SS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 30C02SS
Description  Low-Frequency General-Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

30C02SS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  30C02SS Datasheet HTML 1Page - Sanyo Semicon Device 30C02SS Datasheet HTML 2Page - Sanyo Semicon Device 30C02SS Datasheet HTML 3Page - Sanyo Semicon Device 30C02SS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30C02SS
No.7367-1/4
Applications
•
Low-frequency Amplifier, high-speed switching,
small motor drive.
Features
•
Large current capacitance.
•
Low collector-to-emitter saturation voltage (resistance).
RCE(sat) typ=330mΩ[IC=0.7A, IB=35mA].
•
Ultrasmall package facilitates miniaturization in end
products.
•
Small ON-resistance (Ron).
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
40
V
Collector-to-Emitter Voltage
VCEO
30
V
Emitter-to-Base Voltage
VEBO
5V
Collector Current
IC
600
mA
Collector Current (Pulse)
ICP
1.2
A
Collector Dissipation
PC
Mounted on a glass-epoxy board (20!30!1.6mm)
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=30V, IE=0
100
nA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
100
nA
DC Current Gain
hFE
VCE=2V, IC=50mA
300
800
Gain-Bandwidth Product
fT
VCE=10V, IC=50mA
540
MHz
Marking : YM
Continued on next page.
NPN Epitaxial Planar Silicon Transistor
Ordering number : ENN7367
30C02SS
O2203 TS IM
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Low-Frequency
General-Purpose Amplifier Applications
Package Dimensions
unit : mm
2159A
[30C02SS]
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
1 : Base
2 : Emitter
3 : Collector
SANYO : SSFP
0.25
0.2
1.4
0.45
1
3
2
0.1
1
3
2
Top View
Side View
Side View
Bottom View


Similar Part No. - 30C02SS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
30C02CH SANYO-30C02CH Datasheet
51Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
30C02CH ONSEMI-30C02CH Datasheet
584Kb / 6P
Bipolar Transistor
August, 2013
30C02CH-TL-E ONSEMI-30C02CH-TL-E Datasheet
584Kb / 6P
Bipolar Transistor
August, 2013
logo
Sanyo Semicon Device
30C02MH SANYO-30C02MH Datasheet
247Kb / 4P
Low-Frequency General-Purpose Amplifi er Applications
logo
ON Semiconductor
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
More results

Similar Description - 30C02SS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3101C SANYO-EC3101C Datasheet
35Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A02CH SANYO-12A02CH Datasheet
41Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
08C02SS SANYO-08C02SS Datasheet
30Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A01C SANYO-12A01C Datasheet
31Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A01S SANYO-12A01S Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A01SS SANYO-12A01SS Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
12A02MH SANYO-12A02MH Datasheet
32Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
50C02CH SANYO-50C02CH Datasheet
56Kb / 4P
Low-Frequency General-Purpose Amplifier Applications
logo
Unisonic Technologies
2SK303 UTC-2SK303_11 Datasheet
131Kb / 2P
LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
15C01SS SANYO-15C01SS_12 Datasheet
514Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com