Electronic Components Datasheet Search
  English  ▼

X  

30C02SS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 30C02SS
Description  Low-Frequency General-Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

30C02SS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  30C02SS Datasheet HTML 1Page - Sanyo Semicon Device 30C02SS Datasheet HTML 2Page - Sanyo Semicon Device 30C02SS Datasheet HTML 3Page - Sanyo Semicon Device 30C02SS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
30C02SS
No.7367-3/4
IT05089
PC -- Ta
IT05090
0
250
200
150
100
50
0
20
40
60
80
100
120
140
160
fT -- IC
100
1000
7
3
5
2
10
1.0
100
23
5
7
23
5
7
1000
23
5
7
VCE=10V
Cob -- VCB
IT05088
2
10
1.0
7
3
5
1.0
10
23
5
2
3
5
7
f=1MHz
VCE(sat) -- IC
VBE(sat) -- IC
IT05086
IT05087
10
100
1000
7
5
3
2
7
5
3
2
1.0
23
5
10
100
1000
7
23
5
7
23
5
7
1.0
0.1
10
3
2
5
7
3
2
5
7
1.0
23
5
10
100
1000
7
23
5
7
23
5
7
IC / IB=50
IC / IB=20
75
°C
--25
°C
Ta=25
°C
75°C
Ta=--25°C
25°C
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
Ambient Temperature, Ta --
°C
Collector Current, IC -- mA
Collector Current, IC -- mA
Mounted
on
a
glass-epoxy
board(20
!
30
!
1.6mm)
Base Current, IB -- mA
Ron -- IB
f=1MHz
0.1
0.1
IT06793
10
7
5
3
2
7
5
3
2
1.0
3
2
57
3
2
57
1.0
10
OUT
IN
1k
Ω
1k
Ω
IB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com