Electronic Components Datasheet Search
  English  ▼

X  

1754872 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 1754872
Description  Printed-circuit board connector - FKCN 2,5/10-STF-5,08
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754872 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 1754872 Datasheet HTML 6Page - PHOENIX CONTACT 1754872 Datasheet HTML 7Page - PHOENIX CONTACT 1754872 Datasheet HTML 8Page - PHOENIX CONTACT 1754872 Datasheet HTML 9Page - PHOENIX CONTACT 1754872 Datasheet HTML 10Page - PHOENIX CONTACT 1754872 Datasheet HTML 11Page - PHOENIX CONTACT 1754872 Datasheet HTML 12Page - PHOENIX CONTACT 1754872 Datasheet HTML 13Page - PHOENIX CONTACT 1754872 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
https://www.phoenixcontact.com/pi/products/1754872
09/12/2020   Page 10 / 15
Printed-circuit board connector - FKCN 2,5/10-STF-5,08 - 1754872
Classifications
UNSPSC
UNSPSC 13.2
39121409
UNSPSC 18.0
39121409
UNSPSC 19.0
39121409
UNSPSC 20.0
39121409
UNSPSC 21.0
39121409
Approvals
Approvals
Approvals
EAC / cULus Recognized
Ex Approvals
Approval details
EAC 
 
 B.01687
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E60425-19931012
 
B
D
Nominal voltage UN
300 V
300 V
Nominal current IN
10 A
10 A
mm²/AWG/kcmil
24-14
24-14
Accessories
Accessories
Cable end sleeve
Ferrule - AI 0,5 -10 WH - 3201275
Ferrule, sleeve length: 10 mm, length: 16 mm, color: white
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com