Electronic Components Datasheet Search
  English  ▼

X  

1754872 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 1754872
Description  Printed-circuit board connector - FKCN 2,5/10-STF-5,08
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754872 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 1754872 Datasheet HTML 7Page - PHOENIX CONTACT 1754872 Datasheet HTML 8Page - PHOENIX CONTACT 1754872 Datasheet HTML 9Page - PHOENIX CONTACT 1754872 Datasheet HTML 10Page - PHOENIX CONTACT 1754872 Datasheet HTML 11Page - PHOENIX CONTACT 1754872 Datasheet HTML 12Page - PHOENIX CONTACT 1754872 Datasheet HTML 13Page - PHOENIX CONTACT 1754872 Datasheet HTML 14Page - PHOENIX CONTACT 1754872 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
https://www.phoenixcontact.com/pi/products/1754872
09/12/2020   Page 11 / 15
Printed-circuit board connector - FKCN 2,5/10-STF-5,08 - 1754872
Accessories
Ferrule - AI 0,75-10 GY - 3201288
Ferrule, sleeve length: 10 mm, length: 16 mm, color: gray
 
 
Ferrule - AI 1 -10 RD - 3200182
Ferrule, sleeve length: 10 mm, length: 16 mm, color: red
 
 
Ferrule - AI 1,5 -10 BK - 3200195
Ferrule, sleeve length: 10 mm, length: 16 mm, color: black
 
 
Ferrule - A 0,5 -10 - 3202494
Ferrule, length: 10 mm, color: silver
 
 
Ferrule - A 0,75-10 - 3200234
Ferrule, length: 10 mm, color: silver
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com