Electronic Components Datasheet Search
  English  ▼

X  

1754872 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 1754872
Description  Printed-circuit board connector - FKCN 2,5/10-STF-5,08
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754872 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 1754872 Datasheet HTML 7Page - PHOENIX CONTACT 1754872 Datasheet HTML 8Page - PHOENIX CONTACT 1754872 Datasheet HTML 9Page - PHOENIX CONTACT 1754872 Datasheet HTML 10Page - PHOENIX CONTACT 1754872 Datasheet HTML 11Page - PHOENIX CONTACT 1754872 Datasheet HTML 12Page - PHOENIX CONTACT 1754872 Datasheet HTML 13Page - PHOENIX CONTACT 1754872 Datasheet HTML 14Page - PHOENIX CONTACT 1754872 Datasheet HTML 15Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
https://www.phoenixcontact.com/pi/products/1754872
09/12/2020   Page 12 / 15
Printed-circuit board connector - FKCN 2,5/10-STF-5,08 - 1754872
Accessories
Ferrule - A 1 -10 - 3200250
Ferrule, length: 10 mm, color: silver
 
 
Ferrule - A 1,5 -10 - 3200276
Ferrule, length: 10 mm, color: silver
 
 
Coding element
Coding profile - CP-MSTB - 1734634
Coding profile, is inserted into the slot on the plug or inverted header, red insulating material
 
 
Crimping tool
Crimping pliers - CRIMPFOX 6 - 1212034
Crimping pliers, for ferrules without insulating collar according to DIN 46228 Part 1 and ferrules with insulating collar
according to DIN 46228 Part 4, 0.25 mm² ... 6.0 mm², lateral entry, trapezoidal crimp
 
 
Screwdriver tools
Screwdriver - SZS 0,6X3,5 - 1205053
Actuation tool, for ST terminal blocks, insulated, also suitable for use as a bladed screwdriver, size: 0.6 x 3.5 x 100
mm, 2-component grip, with non-slip grip
 
 
Additional products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com