Electronic Components Datasheet Search
  English  ▼

X  

LMV321A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321A
Description  LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV321A Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV321A Datasheet HTML 7Page - Texas Instruments LMV321A Datasheet HTML 8Page - Texas Instruments LMV321A Datasheet HTML 9Page - Texas Instruments LMV321A Datasheet HTML 10Page - Texas Instruments LMV321A Datasheet HTML 11Page - Texas Instruments LMV321A Datasheet HTML 12Page - Texas Instruments LMV321A Datasheet HTML 13Page - Texas Instruments LMV321A Datasheet HTML 14Page - Texas Instruments LMV321A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Capacitance Load (pF)
0
200
400
600
800
1000
0
5
10
15
20
25
30
35
40
45
50
D024
Overshoot (+)
Overshoot (–)
G = 1, VIN = 100 mVpp
Figure 6-19. Small Signal Overshoot vs Capacitive
Load
Capacitance Load (pF)
0
200
400
600
800
1000
0
5
10
15
20
25
30
35
40
45
50
D025
Overshoot (+)
Overshoot (–)
G = –1, VIN = 100 mVpp
Figure 6-20. Small Signal Overshoot vs Capacitive
Load
Capacitance Load (pF)
0
200
400
600
800
1000
0
10
20
30
40
50
60
70
80
90
D026
Figure 6-21. Phase Margin vs Capacitive Load
Time (100 Ps/div)
D027
VOUT
VIN
G = 1, VIN = 6.5 VPP
Figure 6-22. No Phase Reversal
Time (20 Ps/div)
D028
VOUT
VIN
G = –10, VIN = 600 mVPP
Figure 6-23. Overload Recovery
Time (10 Ps/div)
D029
VOUT
VIN
G = 1, VIN = 100 mVPP, CL = 10 pF
Figure 6-24. Small-Signal Step Response
www.ti.com
LMV321A,, LMV358A,, LMV324A
SBOS923G – DECEMBER 2017 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LMV321A, LMV358A, LMV324A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com