Electronic Components Datasheet Search
  English  ▼

X  

LMV321A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321A
Description  LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV321A Datasheet(HTML) 3 Page - Texas Instruments

  LMV321A Datasheet HTML 1Page - Texas Instruments LMV321A Datasheet HTML 2Page - Texas Instruments LMV321A Datasheet HTML 3Page - Texas Instruments LMV321A Datasheet HTML 4Page - Texas Instruments LMV321A Datasheet HTML 5Page - Texas Instruments LMV321A Datasheet HTML 6Page - Texas Instruments LMV321A Datasheet HTML 7Page - Texas Instruments LMV321A Datasheet HTML 8Page - Texas Instruments LMV321A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
5 Pin Functions and Configurations
OUT
V-
+IN
Figure 5-1. 5-Pin SOT-23 DBV Package (LMV321A
Top View)
+IN
V-
-IN
Figure 5-2. 5-Pin SOT-23, SC70 DCK Package
(LMV321A Top View)
Table 5-1. Pin Functions: LMV321A
PIN
I/O
DESCRIPTION
NAME
DBV
DCK, DBV (U)
–IN
4
3
I
Inverting input
+IN
3
1
I
Noninverting input
OUT
1
4
O
Output
V–
2
2
—
Negative (lowest) supply or ground (for single-supply operation)
V+
5
5
—
Positive (highest) supply
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
Figure 5-3. 8-Pin SOIC, VSSOP, TSSOP LMV358A D, DDF, DGK, PW Packages Top View
Table 5-2. Pin Functions: LMV358A
PIN
I/O
DESCRIPTION
NAME
NO.
–IN A
2
I
Inverting input, channel A
+IN A
3
I
Noninverting input, channel A
–IN B
6
I
Inverting input, channel B
+IN B
5
I
Noninverting input, channel B
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V–
4
—
Negative (lowest) supply or ground (for single-supply operation)
V+
8
—
Positive (highest) supply
www.ti.com
LMV321A,, LMV358A,, LMV324A
SBOS923G – DECEMBER 2017 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LMV321A, LMV358A, LMV324A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com