Electronic Components Datasheet Search
  English  ▼

X  

LMV321A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321A
Description  LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV321A Datasheet(HTML) 2 Page - Texas Instruments

  LMV321A Datasheet HTML 1Page - Texas Instruments LMV321A Datasheet HTML 2Page - Texas Instruments LMV321A Datasheet HTML 3Page - Texas Instruments LMV321A Datasheet HTML 4Page - Texas Instruments LMV321A Datasheet HTML 5Page - Texas Instruments LMV321A Datasheet HTML 6Page - Texas Instruments LMV321A Datasheet HTML 7Page - Texas Instruments LMV321A Datasheet HTML 8Page - Texas Instruments LMV321A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Functions and Configurations.................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information: LMV321A.................................. 6
6.5 Thermal Information: LMV358A.................................. 6
6.6 Thermal Information: LMV324A.................................. 6
6.7 Electrical Characteristics.............................................7
6.8 Typical Characteristics................................................ 8
7 Detailed Description......................................................14
7.1 Overview................................................................... 14
7.2 Functional Block Diagram......................................... 14
7.3 Feature Description...................................................15
7.4 Device Functional Modes..........................................15
8 Application and Implementation.................................. 16
8.1 Application Information............................................. 16
8.2 Typical Application.................................................... 16
9 Power Supply Recommendations................................22
9.1 Input and ESD Protection......................................... 22
10 Layout...........................................................................23
10.1 Layout Guidelines................................................... 23
10.2 Layout Example...................................................... 23
11 Device and Documentation Support..........................24
11.1 Documentation Support.......................................... 24
11.2 Receiving Notification of Documentation Updates.. 24
11.3 Support Resources................................................. 24
11.4 Trademarks............................................................. 24
11.5 Electrostatic Discharge Caution.............................. 24
11.6 Glossary.................................................................. 24
12 Mechanical, Packaging, and Orderable
Information.................................................................... 25
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (January 2020) to Revision G (February 2022)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document. ................1
• Added SOT-23 (DYY) package to Description section....................................................................................... 1
• Added SOT-23 (DYY) package information to Pin Configuration and Functions section................................... 3
• Added SOT-23 (DYY) package to Thermal Information: LMV324A ...................................................................6
Changes from Revision E (September 2019) to Revision F (January 2020)
Page
• Added SOT-23 (U) packge information to Pin Configuration and Functions section.......................................... 3
LMV321A,, LMV358A,, LMV324A
SBOS923G – DECEMBER 2017 – REVISED FEBRUARY 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMV321A, LMV358A, LMV324A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com