Electronic Components Datasheet Search
  English  ▼

X  

APA2121 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA2121
Description  Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2121 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA2121 Datasheet HTML 9Page - Anpec Electronics Coropration APA2121 Datasheet HTML 10Page - Anpec Electronics Coropration APA2121 Datasheet HTML 11Page - Anpec Electronics Coropration APA2121 Datasheet HTML 12Page - Anpec Electronics Coropration APA2121 Datasheet HTML 13Page - Anpec Electronics Coropration APA2121 Datasheet HTML 14Page - Anpec Electronics Coropration APA2121 Datasheet HTML 15Page - Anpec Electronics Coropration APA2121 Datasheet HTML 16Page - Anpec Electronics Coropration APA2121 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Mar., 2003
APA2120/2121
www.anpec.com.tw
13
0.01
10
0.1
1
5
10 m
20 0m
50 m
10 0m
Typical Characteristics (Cont.)
THD+N vs. Output Power
Output Power (W)
VDD=5V
RL=32
Ω
AV=1
BTL
f=20Hz
f=20kHz
f=1kHz
0.01
10
0.1
1
20
20k
50 100 200
500 1k
2k
5k
THD+N vs. Frequency
Frequency (Hz)
VDD=5V
RL=16
Ω
Po=100mW
SE
AV=2
AV=1
AV=2.5
0.01
10
0.1
1
10m
300m
100m
THD+N vs. Output Power
Output Power (W)
VDD=5V
RL=16
Ω
AV=1
BTL
f=20Hz
f=20kHz
f=1kHz
0.01
10
0.1
1
20
20k
100
1k
THD+N vs. Frequency
Frequency (Hz)
VDD=5V
RL=32
Ω
Po=75mW
SE
AV=1
AV=5
AV=2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com