Electronic Components Datasheet Search
  English  ▼

X  

APA2121 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA2121
Description  Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2121 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2121 Datasheet HTML 1Page - Anpec Electronics Coropration APA2121 Datasheet HTML 2Page - Anpec Electronics Coropration APA2121 Datasheet HTML 3Page - Anpec Electronics Coropration APA2121 Datasheet HTML 4Page - Anpec Electronics Coropration APA2121 Datasheet HTML 5Page - Anpec Electronics Coropration APA2121 Datasheet HTML 6Page - Anpec Electronics Coropration APA2121 Datasheet HTML 7Page - Anpec Electronics Coropration APA2121 Datasheet HTML 8Page - Anpec Electronics Coropration APA2121 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Mar., 2003
APA2120/2121
www.anpec.com.tw
4
APA2120/1
Symbol
Parameter
Test Condition
Min. Typ. Max.
Unit
THD=10%, RL=3
Ω, Fin=1kHz
2.7
THD=10%, RL=4
Ω, Fin=1kHz
2.3
THD=10%, RL=8
Ω, Fin=1kHz
1.5
THD=1%, RL=3
Ω, Fin=1kHz
2.0
THD=1%, RL=4
Ω, Fin=1kHz
1.9
PO
Maximum Output Power
THD=0.5%, RL=8
Ω, Fin=1kHz
11.1
W
PO=1.5W, RL=4
Ω, Fin=1kHz
0.05
THD+N Total Harmonic Distortion Plus
Noise
PO=1W, RL=8
Ω, Fin=1kHz
0.07
%
PSRR Power Ripple Rejection Ratio
VIN=0.1Vrms, RL=8
Ω, CB=1µF,
Fin=120Hz
60
dB
Xtalk
Channel Separation
CB=1
µF, RL=8Ω, Fin=1kHz
90
dB
S/N
Signal to Noise Ratio
PO=1.1W, RL=8
Ω, A_wieght
95
dB
Operating Characteristics, BTL mode
VDD=5V,TA=25°C,RL=4
Ω, Gain=2V/V (unless otherwise noted)
Electrical Characteristics (Cont.)
Operating Characteristics, SE mode
VDD=5V,TA=25°C,RL=4
Ω, Gain=1V/V (unless otherwise noted)
APA2120/1
Symbol
Parameter
Test Condition
Min. Typ. Max.
Unit
THD=10%, RL=8
Ω, Fin=1kHz
400
THD=10%, RL=32
Ω, Fin=1kHz
110
THD=1%, RL=8
Ω, Fin=1kHz
320
PO
Maximum Output Power
THD=1%, RL=32
Ω, Fin=1kHz
90
mW
PO=250mW, RL=8
Ω, Fin=1kHz
0.08
THD+N Total Harmonic Distortion Plus
Noise
PO=75mW, RL=32
Ω, Fin=1kHz
0.08
%
PSRR
Power Ripple Rejection Ratio
VIN=0.1Vrms, RL=8
Ω, CB=1µF,
Fin=120Hz
48
dB
Xtalk
Channel Separation
CB=1
µF, RL=32Ω, Fin=1kHz
100
dB
S/N
Signal to Noise Ratio
PO=75mW, SE, RL=32
Ω, A_wieght
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com