Electronic Components Datasheet Search
  English  ▼

X  

APA2121 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA2121
Description  Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2121 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA2121 Datasheet HTML 1Page - Anpec Electronics Coropration APA2121 Datasheet HTML 2Page - Anpec Electronics Coropration APA2121 Datasheet HTML 3Page - Anpec Electronics Coropration APA2121 Datasheet HTML 4Page - Anpec Electronics Coropration APA2121 Datasheet HTML 5Page - Anpec Electronics Coropration APA2121 Datasheet HTML 6Page - Anpec Electronics Coropration APA2121 Datasheet HTML 7Page - Anpec Electronics Coropration APA2121 Datasheet HTML 8Page - Anpec Electronics Coropration APA2121 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Mar., 2003
APA2120/2121
www.anpec.com.tw
2
Block Diagram
(Over operating free-air temperature range unless otherwise noted.)
Symbol
Parameter
Rating
Unit
V
DD
Supply Voltage Range
-0.3 to 6
V
V
IN
Input Voltage Range, SE/BTL, HP/LINE,
SHUTDOWN, PCBEN
-0.3 to V
DD+0.3
V
T
A
Operating Ambient Temperature Range
-40 to 85
°C
T
J
Maximum Junction Temperature
Intermal Limited*1
°C
T
STG
Storage Temperature Range
-65 to +150
°C
T
S
Soldering Temperature,10 seconds
260
°C
V
ESD
Electrostatic Discharge
-3000 to 3000*2
-200 to 200*3
V
P
D
Power Dissipation
Intermal Limited
Absolute Maximum Ratings
S hutdow n
ckt
H P /L IN E
Vo lu m e
C ontro l
MU X
MU X
SE/B T L
LOUT+
LOUT-
ROUT+
ROUT-
LLINEIN
RLINEIN
LHPIN
RHPIN
HP/LINE
SE/BTL
SHUTDOW N
RBYPASS
LBYPASS
VOLUM E
B YPA SS
BYPASS
PC -B EEP
ckt
PCBEEP
C lo ck G e n
CLK
For APA2121
Note:
1.APA2120/1 integrated internal thermal shutdown protection when junction temperature ramp up to 150°C
2.Human body model: C=100pF, R=1500
Ω, 3 positives pulse plus 3 negative pulses
3.Machine model: C=200pF, L=0.5
µF, 3 positive pulses plus 3 negative pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com