Electronic Components Datasheet Search
  English  ▼

X  

STW75N60DM6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW75N60DM6
Description  N-channel 600 V, 32 mΩ typ., 72 A MDmesh DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW75N60DM6 Datasheet(HTML) 5 Page - STMicroelectronics

  STW75N60DM6 Datasheet HTML 1Page - STMicroelectronics STW75N60DM6 Datasheet HTML 2Page - STMicroelectronics STW75N60DM6 Datasheet HTML 3Page - STMicroelectronics STW75N60DM6 Datasheet HTML 4Page - STMicroelectronics STW75N60DM6 Datasheet HTML 5Page - STMicroelectronics STW75N60DM6 Datasheet HTML 6Page - STMicroelectronics STW75N60DM6 Datasheet HTML 7Page - STMicroelectronics STW75N60DM6 Datasheet HTML 8Page - STMicroelectronics STW75N60DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
3
Electrical characteristics (curves)
Figure 1. Safe operating area
GIPG160720181119SOA
10 2
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =100 µs
tp =1 ms
tp =10 ms
Operation in this area is
limited by R DS(on)
single pulse
TJ≤150 °C
TC=25 °C
VGS=10 V
Figure 2. Thermal impedance
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
d=0.5
Zth=k *Rthj-c
d=tp/t
tp
t
AM09125v1
Figure 3. Output characteristics
GIPG160720181117OCH
200
160
120
80
40
0
0
2
4
6
8
10
12
ID
(A)
VDS (V)
VGS =5 V
VGS =6 V
VGS = 9, 10 V
VGS =7 V
VGS =8 V
Figure 4. Transfer characteristics
GIPG160720181117TCH
200
160
120
80
40
0
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS =12 V
Figure 5. Gate charge vs gate-source voltage
GIPG160720181118QVG
12
10
8
6
4
2
0
600
500
400
300
200
100
0
0
20
40
60
80
100 120
VGS
(V)
VDS
(V)
Qg (nC)
VDD = 480 V
ID = 72 A
VDS
Figure 6. Static drain-source on-resistance
GIPG160720181115RID
35
34
33
32
31
30
29
0
10
20
30
40
50
60
70
RDS(on)
(mΩ)
ID (A)
VGS = 10 V
STW75N60DM6, STWA75N60DM6
Electrical characteristics (curves)
DS12280 - Rev 3
page 5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com