Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM02 Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # 26HS01GTAM02
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM02 Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button 26HS01GTAM02 Datasheet HTML 47Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 48Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 49Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 50Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 51Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 52Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 53Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 54Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 166 page
background image
Datasheet
51 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Features
Figure 34
Host polling sequence for configuration corruption detection (x1 Legacy SPI)
4.6.4.1
Configuration corruption detection related registers
Table 38
Configuration corruption detection related registers and transactions
Related registers
(see Section 5.3 Legacy (x1) SPI registers on page 106)
Related SPI transactions
(see Table 122 on page 137)
Status Register 1 Volatile (STR1V)
All 1S-1S-1S Transactions
Power-Up
Read Status Register 1
Status Register 1
= 0x00?
&
Any Read Identification Transaction =
Successful
Device
Ready
Yes
No
Clear Status Register 1
Configure the Device by Updating All
Nonvolatile Registers
Device
Ready
Change Host Interface to Default
Flash Configuration
Corruption Detected
Status Register 1 = 0x41
Power-Up
Read Status Register 1
Status Register 1
= 0x00?
&
Any Read Identification Transaction =
Successful
Device
Ready
Yes
No
Clear Status Register 1
Configure the Device by Updating All
Nonvolatile Registers
Device
Ready
Change Host Interface to Default
Flash Configuration
Corruption Detected
Status Register 1 = 0x41
[21]
Note
21. As soon as first Write Any Register transaction updates the Nonvolatile Status register or Configuration register, all remaining nonvolatile status and
configuration registers go back to the predefined state (STR1N = 0x00, CFR1N = 0x00, CFR2N = 0x00, CFR3N = 0x00, CFR4N = 0x00). It is recommended
to initiate SafeBoot recovery operation by configuring the Address byte length and latency followed by rest configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com