Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM02 Datasheet(PDF) 92 Page - Infineon Technologies AG

Part # 26HS01GTAM02
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM02 Datasheet(HTML) 92 Page - Infineon Technologies AG

Back Button 26HS01GTAM02 Datasheet HTML 88Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 89Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 90Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 91Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 92Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 93Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 94Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 95Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 96Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 166 page
background image
Datasheet
92 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Registers
5.2.2
Configuration register 2 (CFR2x) (x8)
Configuration Register 2 controls device functionality.
Table 68
HYPERBUS™ maximum operating frequency for MEMLAT[3:0] latency code options
Latency code
Latency clocks initial latency
single/double
Single initial latency
maximum frequency (MHz)
Double initial latency
maximum frequency (MHz)
0000
5/10
57
107
0001
6/12
71
121
0010
7/14
85
135
0011
8/16
100
150
0100
9/18
107
164
0101
10/20
114
178
0110
11/22
128
192
0111
12/24
142
200
1000
13/26
157
200
1001
14/28
171
200
1010
15/30
185
200
1011
16/32
200
200
1100
20/40
200
200
1101
Reserved
–
–
1110
Reserved
–
–
1111
Reserved
–
–
Table 69
Configuration register 2 (x8)
Bit number
Name
Function
Read/write
N = Nonvolatile
V = Volatile
Factory
default
(binary)
Description
CFR2V[15:8]
RESVRD
Reserved for Future Use
N => R/W
V => R/W
11111111
These bits are Reserved for future use. This bit must always be
written/loaded to its default state.
CFR2N[7]
CFR2V[7]
PGLTNS
Memory Read Page
Boundary Latency
selection
N => R/W
V => R/W
1
Description:
The PGLTNS bit selects whether single or double initial
latency is encountered during read instructions. Double
initial latency ensures there is no inter-page boundary
latency.
Selection Options:
0 = Double initial latency - zero latency at page boundaries
1 = Single initial latency - latency at page boundaries
Dependency: N/A
CFR2N[6]
CFR2V[6]
ATP12S
Address Trap Register
1-bit or 1-bit/2-bit ECC
Error selection
N => R/W
V => R/W
1
Description:
The ATP12S bit selects between 1-bit ECC error
detection/correction or both 1-bit ECC error
detection/correction and 2-bit ECC error detection for
Address Trap Register.
Selection Options:
1 = Address Trap Register traps address of 2-bit ECC errors
0 = Address Trap Register traps address of both 1-bit and 2-bit
ECC errors
Dependency: N/A
CFR2N[5]
CFR2V[5]
ECC12S
Error Correction Code
(ECC) 1-bit or 1-bit/2-bit
error correction
selection
N => R/W
V => R/W
0
Description:
The ECC12S bit selects between 1-bit ECC error
detection/correction or both 1-bit ECC error detection and
correction and 2-bit ECC error detection.
Selection Options:
0 = 1-bit ECC Error Detection/Correction and 2-bit ECC error
detection
1 = 1-bit ECC Error Detection/Correction
Dependency: N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com