Electronic Components Datasheet Search
  English  ▼

X  

26HS01GTAM02 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # 26HS01GTAM02
Description  256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

26HS01GTAM02 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button 26HS01GTAM02 Datasheet HTML 9Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 10Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 11Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 12Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 13Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 14Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 15Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 16Page - Infineon Technologies AG 26HS01GTAM02 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 166 page
background image
Datasheet
13 of 166
002-12337 Rev. *Y
2022-01-18
256Mb/512Mb/1Gb SEMPER™ Flash
HYPERBUS™ interface, 1.8V/3.0V
Interface overview
2.3
Legacy (x1) SPI transaction protocol
Transaction
• During the time that CS# is active (Low) the clock signal (CK) is toggled while command information is first
transferred on the data input (SI/DQ0) signal followed by address and data from the host to the flash device.
The clock continues to toggle during the transfer of read data from the flash device to the host (SO/DQ1) or write
data from the host to the flash device (SI/DQ0). When the host has transferred the desired amount of data, the
host drives the CS# inactive (High). The period during which CS# is active is called a transaction on the bus.
• While CS# is inactive, the CK is not required to toggle.
• The command transfer occurs at the beginning of every transaction. The address, latency cycles, and data
transfer phases are optional and their presence depends on the protocol mode or command transferred.
Transaction capture
• CK marks the transfer of each bit or group of bits between the host and memory. Command, address and write
data bits transfer occurs on CK rising edge.
Note All attempts to read the flash memory array during a program or erase (embedded operations) are ignored.
The embedded operation will continue to execute without any effect. A very limited set of commands are
accepted during an embedded operation. These are discussed in Suspend and resume embedded operation
on page 76.
Protocol
• The legacy (x1) SPI mode is the default protocol following Power-on-Reset (POR) but, flash devices can be
configured to boot-up in the HYPERBUS™ mode.
• Each transaction begins with an 8-bit (1-byte) command. The command selects the type of information transfer
or device operation to be performed.
• This protocol uses SI/DQ[0] to transfer information from host to flash device and SO/DQ[1] to transfer infor-
mation from flash device to host. On each DQ, information is placed on the DQ line in Most Significant bit (MSb)
to least significant bit (LSb) order within each byte. Sequential address bytes are transferred in highest order
to lowest order sequence. Sequential data bytes are transferred in lowest address to highest address order.
• DQ[7:2] are not used for data transfer period. Hence, the DQ[7:2] signals will be high impedance.
2.3.1
Transaction details
Figure 5
SPI transaction with command input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com