Electronic Components Datasheet Search
  English  ▼

X  

MIC5207 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5207
Description  180 mA Low-Noise LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5207 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5207 Datasheet HTML 1Page - Microchip Technology MIC5207 Datasheet HTML 2Page - Microchip Technology MIC5207 Datasheet HTML 3Page - Microchip Technology MIC5207 Datasheet HTML 4Page - Microchip Technology MIC5207 Datasheet HTML 5Page - Microchip Technology MIC5207 Datasheet HTML 6Page - Microchip Technology MIC5207 Datasheet HTML 7Page - Microchip Technology MIC5207 Datasheet HTML 8Page - Microchip Technology MIC5207 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005719C-page 3
MIC5207
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Input Voltage (VIN) .......................................................................................................................... –20V to +20V
Enable Input Voltage (VEN) ......................................................................................................................... –20V to +20V
Power Dissipation (PD) (Note 1) ............................................................................................................Internally Limited
Operating Ratings ‡
Supply Input Voltage (VIN) ......................................................................................................................... +2.5V to +16V
Adjustable Output Voltage Range (VOUT).................................................................................................. +1.8V to +15V
Enable Input Voltage (VEN) .................................................................................................................................0V to VIN
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: The maximum allowable power dissipation at any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA.
Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regula-
tor will go into thermal shutdown. The θJA of the SOT-23-5 (M5) is 235°C/W soldered on a PC board (see
“Thermal Considerations” for further details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com