Electronic Components Datasheet Search
  English  ▼

X  

MIC5207 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5207
Description  180 mA Low-Noise LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5207 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5207 Datasheet HTML 1Page - Microchip Technology MIC5207 Datasheet HTML 2Page - Microchip Technology MIC5207 Datasheet HTML 3Page - Microchip Technology MIC5207 Datasheet HTML 4Page - Microchip Technology MIC5207 Datasheet HTML 5Page - Microchip Technology MIC5207 Datasheet HTML 6Page - Microchip Technology MIC5207 Datasheet HTML 7Page - Microchip Technology MIC5207 Datasheet HTML 8Page - Microchip Technology MIC5207 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005719C-page 1
MIC5207
Features
• Output Voltage Range: 1.8V to 15V
• Ultra-Low Noise Output
• High Output Voltage Accuracy
• Guaranteed 180 mA Output
• Low Quiescent Current
• Low Dropout Voltage
• Extremely Tight Load and Line Regulation
• Very Low Temperature Coefficient
• Current and Thermal Limiting
• Reversed-Battery Protection
• “Zero” Off-Mode Current
• Logic-Controlled Electronic Enable
Applications
• Cellular Telephones
• Laptop, Notebook, and Palmtop Computers
• Battery Powered Equipment
• PCMCIA VCC and VPP Regulation/Switching
• Consumer/Personal Electronics
• SMPS Post-Regulator and DC/DC Modules
• High-Efficiency Linear Power Supplies
General Description
The MIC5207 is an efficient linear voltage regulator
with ultra-low noise output, very low dropout voltage
(typically 17 mV at light loads and 165 mV at 150 mA),
and very low ground current (720 µA at 100 mA
output). The MIC5207 offers better than 3% initial
accuracy.
Designed especially for hand-held, battery-powered
devices, the MIC5207 includes a CMOS or TTL
compatible enable/shutdown control input. When in
shutdown, power consumption drops nearly to zero.
Key MIC5207 features include a reference bypass pin
to improve its already low-noise performance,
reversed-battery protection, current limiting, and over
temperature shutdown.
The MIC5207 is available in fixed and adjustable output
voltage versions in a small SOT-23-5 package. Contact
Microchip for details.
For low-dropout regulators that are stable with ceramic
output capacitors, see the µCap MIC5245/6/7 family.
Package Types
MIC5207 (ADJ.)
SOT-23-5 (M5)
(Top View)
MIC5207 (FIXED)
SOT-23-5 (M5)
TSOT-23-5 (D5)
(Top View)
IN
OUT
ADJ
EN
1
3
4
2
GND
5
IN
OUT
BYP
EN
1
3
2
GND
5
4
180 mA Low-Noise LDO Regulator


Similar Part No. - MIC5207

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
180mA Low-Noise LDO Regulator
MIC5207-1.8BD5 MICREL-MIC5207-1.8BD5 Datasheet
407Kb / 13P
180mA Low-Noise LDO Regulator
MIC5207-1.8BM5 MICREL-MIC5207-1.8BM5 Datasheet
78Kb / 12P
180mA Low-Noise LDO Regulator
MIC5207-1.8BM5 MICREL-MIC5207-1.8BM5 Datasheet
407Kb / 13P
180mA Low-Noise LDO Regulator
MIC5207-1.8YD5 MICREL-MIC5207-1.8YD5 Datasheet
407Kb / 13P
180mA Low-Noise LDO Regulator
More results

Similar Description - MIC5207

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
500 mA, Low-Noise LDO Voltage Regulator
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
150 mA, Low-Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR1122B UTC-LR1122B_10 Datasheet
233Kb / 11P
LOW NOISE 200 mA LDO REGULATOR
logo
ON Semiconductor
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
SCP51460 ONSEMI-SCP51460 Datasheet
123Kb / 6P
High Accuracy Low Noise 20mA LDO Regulator
February, 2010 ??Rev. 0
SCP51460 ONSEMI-SCP51460_16 Datasheet
105Kb / 6P
High Accuracy Low Noise 20mA LDO Regulator
October, 2016 ??Rev. 1
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
150 mA Low-Noise LDO Regulator
09/14/21
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
500 mA Low-Noise LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com