Electronic Components Datasheet Search
  English  ▼

X  

MIC5209 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC5209
Description  500 mA Low-Noise LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5209 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC5209 Datasheet HTML 14Page - Microchip Technology MIC5209 Datasheet HTML 15Page - Microchip Technology MIC5209 Datasheet HTML 16Page - Microchip Technology MIC5209 Datasheet HTML 17Page - Microchip Technology MIC5209 Datasheet HTML 18Page - Microchip Technology MIC5209 Datasheet HTML 19Page - Microchip Technology MIC5209 Datasheet HTML 20Page - Microchip Technology MIC5209 Datasheet HTML 21Page - Microchip Technology MIC5209 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
MIC5209
DS20005720B-page 18
2017 - 2022 Microchip Technology Inc. and its subsidiaries
5-Lead DDPAK Package Outline and Recommended Land Pattern
/HDG3ODVWLF (7 >''3$.@
1RWHV
 † 6LJQLILFDQW &KDUDFWHULVWLF
 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG  SHU VLGH
 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0
%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV
1RWH
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVHVHH WKH 0LFURFKLS3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
8QLWV
,1&+(6
'LPHQVLRQ /LPLWV
0,1
120
0$;
1XPEHU RI 3LQV
1

3LWFK
H
 %6&
2YHUDOO +HLJKW$

±

6WDQGRII †
$

±

2YHUDOO :LGWK
(

±

([SRVHG 3DG :LGWK
(

±
±
0ROGHG 3DFNDJH /HQJWK
'

±

2YHUDOO /HQJWK
+

±

([SRVHG 3DG /HQJWK
'

±
±
/HDG 7KLFNQHVV
F

±

3DG 7KLFNQHVV
&

±

/HDG :LGWK
E

±

)RRW /HQJWK
/

±

3DG /HQJWK
/
±
±

)RRW $QJOH
I
ƒ
±
ƒ
E
L1
D
D1
H
N
1
b
e
TOP VIEW
BOTTOM VIEW
A
A1
c
L
C2
CHAMFER
OPTIONAL
E1
φ
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com