Electronic Components Datasheet Search
  English  ▼

X  

MIC5209 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC5209
Description  500 mA Low-Noise LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5209 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC5209 Datasheet HTML 18Page - Microchip Technology MIC5209 Datasheet HTML 19Page - Microchip Technology MIC5209 Datasheet HTML 20Page - Microchip Technology MIC5209 Datasheet HTML 21Page - Microchip Technology MIC5209 Datasheet HTML 22Page - Microchip Technology MIC5209 Datasheet HTML 23Page - Microchip Technology MIC5209 Datasheet HTML 24Page - Microchip Technology MIC5209 Datasheet HTML 25Page - Microchip Technology MIC5209 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
MIC5209
DS20005720B-page 22
2017 - 2022 Microchip Technology Inc. and its subsidiaries
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Optional Center Pad Width
Optional Center Pad Length
Contact Pitch
Y2
X2
1.60
2.35
MILLIMETERS
0.65 BSC
MIN
E
MAX
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
0.85
0.30
NOM
12
8
C0
9
.
2
g
n
i
c
a
p
S
d
a
P
t
c
a
t
n
o
C
Contact Pad to Contact Pad (X6)
G2
0.35
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Contact Pad to Center Pad (X8)
G1
0.23
C
EV
G1
Y1
X1
Y2
X2
EV
G2
ØV
SILK SCREEN
E
Microchip Technology Drawing C04-3021 Rev A
8-Lead Very Thin Plastic Dual Flat, No Lead Package (JMA) - 3x3x0.9 mm Body [VDFN]
Micrel Legacy Package DFN33-8LD-PL-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com