Electronic Components Datasheet Search
  English  ▼

X  

MIC5209 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5209
Description  500 mA Low-Noise LDO Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5209 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5209 Datasheet HTML 1Page - Microchip Technology MIC5209 Datasheet HTML 2Page - Microchip Technology MIC5209 Datasheet HTML 3Page - Microchip Technology MIC5209 Datasheet HTML 4Page - Microchip Technology MIC5209 Datasheet HTML 5Page - Microchip Technology MIC5209 Datasheet HTML 6Page - Microchip Technology MIC5209 Datasheet HTML 7Page - Microchip Technology MIC5209 Datasheet HTML 8Page - Microchip Technology MIC5209 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005720B-page 1
MIC5209
Features
• Output Voltage Range: 1.8V to 15V
• Meets Intel® Slot 1 and Slot 2 Requirements
• Guaranteed 500 mA Output Over the Full
Operating Temperature Range
• Low 500 mV Maximum Dropout Voltage at Full
Load
• Extremely Tight Load and Line Regulation
• Thermally Efficient Surface-Mount Package
• Low Temperature Coefficient
• Current and Thermal Limiting
• Reversed-Battery Protection
• No-Load Stability
• 1% Output Accuracy
• Ultra-Low-Noise Capability in SOIC-8 and DDPAK
• Ultra-Small 3 mm × 3 mm VDFN Package
Applications
• Pentium II Slot 1 and Slot 2 Support Circuits
• Laptop, Notebook, and Palmtop Computers
• Cellular Telephones
• Consumer and Personal Electronics
• SMPS Post-Regulator and DC/DC Modules
• High-Efficiency Linear Power Supplies
General Description
The MIC5209 is an efficient linear voltage regulator
with very low dropout voltage, typically 10 mV at light
loads and less than 500 mV at full load, with better than
1% output voltage accuracy.
Designed especially for hand-held, battery-powered
devices, the MIC5209 features low ground current to
help prolong battery life. An enable/shutdown pin on
the SOIC-8 and DDPAK versions can further improve
battery life with near-zero shutdown current.
Key features include reversed-battery protection,
current
limiting,
overtemperature
shutdown,
ultra-low-noise capability (SOIC-8 and DDPAK
versions), and is available in thermally efficient
packaging. The MIC5209 is available in adjustable or
fixed output voltages.
Typical Application Circuits
3.3V NOMINAL INPUT SLOT 1
POWER SUPPLY
ULTRA-LOW NOISE
5V REGULATOR
MIC5209-2.5YS
V
IN
3.0V
0.1μF
V
OUT
2.5V ±1%
22μF
TANTALUM
12
3
MIC5209-5.0YM
V
IN
6.0V
V
OUT
5.0V
22μF
TANTALUM
1
2
3
4
5
6
7
8
ENABLE
SHUTDOWN
470pF
(OPTIONAL)
500 mA Low-Noise LDO Regulator


Similar Part No. - MIC5209

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
MIC5209-1.8BM MICREL-MIC5209-1.8BM Datasheet
91Kb / 13P
500mA Low-Noise LDO Regulator
MIC5209-1.8BM MICREL-MIC5209-1.8BM Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
MIC5209-1.8BM MICREL-MIC5209-1.8BM Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
More results

Similar Description - MIC5209

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
500 mA, Low-Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR1122B UTC-LR1122B_10 Datasheet
233Kb / 11P
LOW NOISE 200 mA LDO REGULATOR
logo
Texas Instruments
LP5912-Q1 TI1-LP5912-Q1_16 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
LP5912 TI1-LP5912_17 Datasheet
2Mb / 33P
500-mA Low-Noise, Low-IQ LDO
LP5912-Q1 TI1-LP5912-Q1_17 Datasheet
2Mb / 33P
Automotive 500-mA Low-Noise, Low-IQ LDO
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
500-mA Low-Noise, Low-IQ LDO
TPS7A90 TI-TPS7A90_V01 Datasheet
3Mb / 34P
TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
150 mA Low-Noise LDO Regulator
09/14/21
MIC5207 MICROCHIP-MIC5207 Datasheet
2Mb / 24P
180 mA Low-Noise LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com