Electronic Components Datasheet Search
  English  ▼

X  

MIC5801YWM Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC5801YWM
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5801YWM Datasheet(HTML) 2 Page - Microchip Technology

  MIC5801YWM Datasheet HTML 1Page - Microchip Technology MIC5801YWM Datasheet HTML 2Page - Microchip Technology MIC5801YWM Datasheet HTML 3Page - Microchip Technology MIC5801YWM Datasheet HTML 4Page - Microchip Technology MIC5801YWM Datasheet HTML 5Page - Microchip Technology MIC5801YWM Datasheet HTML 6Page - Microchip Technology MIC5801YWM Datasheet HTML 7Page - Microchip Technology MIC5801YWM Datasheet HTML 8Page - Microchip Technology MIC5801YWM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MIC5800/1
DS20006184B-page 2
2019 - 2022 Microchip Technology Inc.
Typical Application Circuit
Functional Block Diagram
8
9
2
3
4
5
6
7
1
14
13
12
11
10
VDD
OUT1
OUT2
OUT3
OUT4
IN4
IN3
IN2
IN1
STROBE
CLEAR
μP
0.1μF
+30V
0.1μF
+30V
STEPPER
MOTOR
OUTPUT ENABLE
VDD
INn
STROBE
CLEAR
OUTPUT
ENABLE
COMMON MOS
CONTROL
TYPICAL MOS
LATCH
TYPICAL BIPOLAR
DRIVER
GND
OUTn
COMMON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com