Electronic Components Datasheet Search
  English  ▼

X  

MIC5801YWM Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC5801YWM
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5801YWM Datasheet(HTML) 5 Page - Microchip Technology

  MIC5801YWM Datasheet HTML 1Page - Microchip Technology MIC5801YWM Datasheet HTML 2Page - Microchip Technology MIC5801YWM Datasheet HTML 3Page - Microchip Technology MIC5801YWM Datasheet HTML 4Page - Microchip Technology MIC5801YWM Datasheet HTML 5Page - Microchip Technology MIC5801YWM Datasheet HTML 6Page - Microchip Technology MIC5801YWM Datasheet HTML 7Page - Microchip Technology MIC5801YWM Datasheet HTML 8Page - Microchip Technology MIC5801YWM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006184B-page 5
MIC5800/1
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1 and Table 2-2.
FIGURE 2-1:
Typical Input.
TABLE 2-1:
MIC5800 PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
CLEAR
Resets all latches and turns all outputs OFF (open).
2
STROBE
Input strobe pin. Loads output latches when high.
3, 4, 5, 6
INN
Parallel inputs, 1 through 4.
7
GND
Logic and Output Ground pin.
8
COM
Transient suppression diode common cathode pin.
9, 10, 11, 12
OUTN
Parallel outputs, 4 through 1.
13
VDD
Logic Supply Voltage.
14
/OE
Output Enable. When low, outputs are active. When high, outputs are inactive and
device is reset from a fault condition. An undervoltage condition emulates a high OE
input.
TABLE 2-2:
MIC5801 PIN FUNCTION TABLE
Pin Number
SOIC
Pin Number
PLCC
Pin Name
Description
1
28
/OE
Output Enable. When low, outputs are active. When high, outputs
are inactive and device is reset from a fault condition. An
undervoltage condition emulates a high OE input.
2
1
CLEAR
Resets all latches and turns all outputs OFF (open).
3
3
STROBE
Input strobe pin. Loads output latches when high.
4, 5, 6, 7, 8, 9,
10, 11
5, 6, 7, 8, 9,
10, 11, 12
INN
Parallel inputs, 1 through 8.
12
15
GND
Logic and Output Ground pin.
13
17
COM
Transient suppression diode common cathode pin.
14, 23
2, 4, 13, 14,
16, 26
NC
No Connection. Leave floating.
15, 16, 17, 18,
19, 20, 21, 22
18, 19, 20, 21,
22, 23, 24, 25
OUTN
Parallel outputs, 8 through 1.
24
27
VDD
Logic Supply Voltage.
IN
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com