Electronic Components Datasheet Search
  English  ▼

X  

MIC5801YWM Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5801YWM
Description  4/8-Bit Parallel-Input Latched Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5801YWM Datasheet(HTML) 1 Page - Microchip Technology

  MIC5801YWM Datasheet HTML 1Page - Microchip Technology MIC5801YWM Datasheet HTML 2Page - Microchip Technology MIC5801YWM Datasheet HTML 3Page - Microchip Technology MIC5801YWM Datasheet HTML 4Page - Microchip Technology MIC5801YWM Datasheet HTML 5Page - Microchip Technology MIC5801YWM Datasheet HTML 6Page - Microchip Technology MIC5801YWM Datasheet HTML 7Page - Microchip Technology MIC5801YWM Datasheet HTML 8Page - Microchip Technology MIC5801YWM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006184B-page 1
MIC5800/1
Features
• 4.4 MHz Minimum Data Input Rate
• High-Voltage, High-Current Sink Outputs
• Output Transient Protection
• CMOS, PMOS, NMOS, and TTL Compatible
Inputs
• Internal Pull-Down Resistors
• Low-Power CMOS Latches
General Description
The MIC5800 and MIC5801 latched drivers are
high-voltage,
high-current
integrated
circuits
comprised of four or eight CMOS data latches, a
bipolar Darlington transistor driver for each latch, and
CMOS control circuitry for the common CLEAR,
STROBE, and OUTPUT ENABLE functions.
The bipolar/MOS combination provides an extremely
low-power latch with maximum interface flexibility.
MIC5800 contains four latched drivers; MIC5801
contains eight latched drivers.
Data input rates are greatly improved in these devices.
With a 5V supply, they will typically operate at better
than 5 MHz. With a 12V supply, significantly higher
speeds are obtained. The CMOS inputs are compatible
with standard CMOS, PMOS, and NMOS circuits. TTL
or DTL circuits may require the use of appropriate
pull-up resistors. The bipolar outputs are suitable for
use with relays, solenoids, stepping motors, LED or
incandescent displays, and other high-power loads.
Both units have open-collector outputs and integral
diodes for inductive load transient suppression. The
output transistors are capable of sinking 500 mA and
will sustain at least 50V in the OFF state. Because of
limitations on package power dissipation, the
simultaneous operation of all drivers at maximum rated
current can only be accomplished by a reduction in
duty cycle. Outputs may be connected in parallel for
higher load current capability.
Package Types
MIC5800YM
14-Lead SOIC (M)
(Top View)
MIC5801YWM
24-Lead SOIC (WM)
(Top View)
MIC5801YV
28-Lead PLCC (V)
(Top View)
COM
GND
CLEAR
OE
STROBE
VDD
IN1
OUT1
IN2
OUT2
IN3
OUT3
IN4
OUT4
1
2
3
4
5
6
7
14
13
12
11
10
9
8
24
23
22
21
20
19
18
17
16
1
2
3
4
5
6
7
8
9
10
15
11
14
12
13
O E
VDD
CLEAR
NC
OUT1
IN1
STROBE
OUT2
IN2
OUT3
IN3
OUT4
IN4
OUT5
IN5
OUT6
IN6
OUT7
IN7
OUT8
IN8
NC
GND
COM
6
IN1
OUT2
24
7
IN2
OUT3
23
8
IN3
OUT4
22
9
IN4
OUT5
21
10
IN5
OUT6
20
11
IN6
OUT7
19
5
OUT1
25
12
13
14 15
16
17
18
4
3
2
1
28
27
26
IN7
4/8-Bit Parallel-Input Latched Drivers


Similar Part No. - MIC5801YWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5801YWM MICREL-MIC5801YWM Datasheet
560Kb / 11P
4/8-Bit Parallel-Input Latched Drivers
More results

Similar Description - MIC5801YWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5800 MICREL-MIC5800 Datasheet
114Kb / 6P
4/8-Bit Parallel-Input Latched Drivers
MIC5821 MICREL-MIC5821 Datasheet
79Kb / 5P
8-Bit Serial-Input Latched Drivers
MIC5841 MICREL-MIC5841 Datasheet
162Kb / 7P
8-Bit Serial-Input Latched Drivers
MIC58P01 MICREL-MIC58P01 Datasheet
101Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC5841 MICREL-MIC5841_06 Datasheet
163Kb / 8P
8-Bit Serial-Input Latched Drivers
MIC5800 MICREL-MIC5800_05 Datasheet
124Kb / 9P
4/8-Bit Parallel-Input Latched Drivers
MIC59P50 MICREL-MIC59P50_11 Datasheet
98Kb / 5P
8-Bit Parallel-Input Protected Latched Driver
MIC5821 MICREL-MIC5821_05 Datasheet
84Kb / 8P
8-Bit Serial-Input Latched Drivers
MIC58P01 MICREL-MIC58P01_15 Datasheet
783Kb / 11P
8-Bit Parallel-Input Protected Latched Driver
MIC5800 MICREL-MIC5800_15 Datasheet
560Kb / 11P
4/8-Bit Parallel-Input Latched Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com