Electronic Components Datasheet Search
  English  ▼

X  

LM3205 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3205
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3205 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3205 Datasheet HTML 1Page - National Semiconductor (TI) LM3205 Datasheet HTML 2Page - National Semiconductor (TI) LM3205 Datasheet HTML 3Page - National Semiconductor (TI) LM3205 Datasheet HTML 4Page - National Semiconductor (TI) LM3205 Datasheet HTML 5Page - National Semiconductor (TI) LM3205 Datasheet HTML 6Page - National Semiconductor (TI) LM3205 Datasheet HTML 7Page - National Semiconductor (TI) LM3205 Datasheet HTML 8Page - National Semiconductor (TI) LM3205 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
System Characteristics The following spec table entries are guaranteed by design providing the component
values in the typical application circuit are used. These parameters are not guaranteed by production testing. Min and
Max limits apply over the full operating ambient temperature range (−30˚C
≤ T
A
≤ 85˚C) and over the V
IN range = 2.7V to
5.5V, T
A = 25˚C, PVIN =VDD = EN = 3.6V, L = 3.3µH, DCR of L
≤ 100mΩ,C
IN = 10µF, 0603, 6.3V (4.7µF||4.7µF, 0603, 6.3V
can be used), C
OUT = 4.7µF, 0603, 6.3V for LM3205TL/LM3205SD unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
RESPONSE
Time for V
OUT to rise from 0.8V
to 3.6V
V
IN = 4.2V, COUT = 4.7µF, L = 3.3µH,
R
LOAD = 5.5
Ω
20
30
µs
Time for V
OUT to fall from 3.6V
to 0.8V
V
IN = 4.2V, COUT = 4.7µF, L = 3.3µH,
R
LOAD =10
Ω
20
30
µs
C
CON
V
CON input capacitance
V
CON = 1V,
Test frequency = 100 kHz
20
pF
Linearity
Linearity in control
range 0.32V to 1.44V
V
IN = 3.9V
Monotonic in nature
-3
+3
%
I
CON
Control pin input current
-10
10
µA
T
ON
Turn on time
(time for output to reach 3.6V
from Enable low to high
transition)
EN = Low to High, V
IN = 4.2V, VO =
3.6V, C
OUT = 4.7µF, IOUT
≤ 1mA
70
100
µs
η
Efficiency
(L = 3.3µH, DCR
≤ 100mΩ)
V
IN = 3.6V, VOUT = 0.8V, IOUT = 90mA
83
%
V
IN = 4.2V, VOUT = 3.4V, IOUT = 400mA
96
%
V
OUT_ripple
Ripple voltage, PWM mode
V
IN = 3V to 4.5V, VOUT = 0.8V, IOUT =
10mA to 400mA (Note 12)
10
mVp-p
Line_tr
Line transient response
V
IN = 600mV perturbance,
T
RISE =TFALL = 10µs, VOUT = 0.8V, IOUT
= 100mA
50
mVpk
Load_tr
Load transient response
V
IN = 3.1/3.6/4.5V, VOUT = 0.8V,
transients up to 100mA, T
RISE =TFALL =
10µs
50
mVpk
PSRR
V
IN = 3.6V, VOUT = 0.8V, IOUT
= 100mA
sine wave perturbation
frequency = 10kHz, amplitude =
100mVp-p
40
dB
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pins. The LM3205 is designed for mobile phone applications where turn-on after power-up is
controlled by the system controller and where requirements for a small package size overrule increased die size for internal Under Voltage Lock-Out (UVLO) circuitry.
Thus, it should be kept in shutdown by holding the EN pin low until the input voltage exceeds 2.7V.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 150˚C (typ.) and disengages at TJ =
130˚C (typ.).
Note 4: The Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. (MIL-STD-883 3015.7) The machine model is a 200pF
capacitor discharged directly into each pin.
Note 5: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
de-rated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125˚C), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA-MAX =TJ-MAX-OP –(θJA xPD-MAX).
Note 6: microSMD:Junction-to-ambient thermal resistance (
θJA) is taken from thermal measurements, performed under the conditions and guidelines set forth in
the JEDEC standard JESD51-7. A 4 layer, 4" x 4", 2/1/1/2 oz. Cu board as per JEDEC standards is used for the measurements.
LLP: The value of (
θJA) in LLP-10 could fall in a range of 50˚C/W to 150˚C/W (if not wider), depending on PWB material, layout, and environmental conditions. In
applications where high maximum power dissipation exits (high VIN , high IOUT ), special care must be paid to thermal dissipation areas. For more information on
these topics for LLP, refer to Application Note 1187: Leadless Leadframe Package (LLP) and the Power Efficiency and Power Dissipation section of this
datasheet
Note 7: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm. Due
to the pulsed nature of the testing TA =TJ for the electrical characteristics table.
Note 8: The parameters in the electrical characteristics table are tested under open loop conditions at PVIN =VDD = 3.6V. For performance over the input voltage
range and closed loop results refer to the datasheet curves.
Note 9: Shutdown current includes leakage current of PFET.
Note 10: IQ specified here is when the part is operating at 100% duty cycle.
Note 11: Current limit is built-in, fixed, and not adjustable. Refer to datasheet curves for closed loop data and its variation with regards to supply voltage and
temperature. Electrical Characteristic table reflects open loop data (FB = 0V and current drawn from SW pin ramped up until cycle by cycle limit is activated). Closed
loop current limit is the peak inductor current measured in the application circuit by increasing output current until output voltage drops by 10%.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com