Electronic Components Datasheet Search
  English  ▼

X  

LM3205 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3205
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3205 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM3205 Datasheet HTML 10Page - National Semiconductor (TI) LM3205 Datasheet HTML 11Page - National Semiconductor (TI) LM3205 Datasheet HTML 12Page - National Semiconductor (TI) LM3205 Datasheet HTML 13Page - National Semiconductor (TI) LM3205 Datasheet HTML 14Page - National Semiconductor (TI) LM3205 Datasheet HTML 15Page - National Semiconductor (TI) LM3205 Datasheet HTML 16Page - National Semiconductor (TI) LM3205 Datasheet HTML 17Page - National Semiconductor (TI) LM3205 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Board Layout Considerations
The LM3205 converts higher input voltage to lower output
voltage with high efficiency. This is achieved with an
inductor-based switching topology. During the first half of the
switching cycle, the internal PMOS switch turns on, the input
voltage is applied to the inductor, and the current flows from
P
VDD line to the output capacitor (C2) through the inductor.
During the second half cycle, the PMOS turns off and the
internal NMOS turns on. The inductor current continues to
flow via the inductor from the device PGND line to the output
capacitor (C2).
Referring toFigure 4 , the LM3205 has two major current
loops where pulse and ripple current flow. The loop shown in
the left hand side is most important, because pulse current
shown inFigure 4 flows in this path. The right hand side is
next. The current waveform in this path is triangular, as
shown in Figure 4 . Pulse current has many high-frequency
components due to fast di/dt. Triangular ripple current also
has wide high-frequency components. Board layout and cir-
cuit pattern design of these two loops are the key factors for
reducing noise radiation and stable operation. Other lines,
such as from battery to C1(+) and C2(+) to load, are almost
DC current, so it is not necessary to take so much care. Only
pattern width (current capability) and DCR drop consider-
ations are needed.
BOARD LAYOUT FLOW (microSMD)
1.
Minimize C1, PV
IN,
and PGND loop. These traces
should be as wide and short as possible. This is most
important.
2.
Minimize L1, C2, SW and PGND loop. These traces also
should be wide and short. This is the second priority.
20158008
FIGURE 4. Current Loop
20158009
FIGURE 5. Evaluation Board Layout for microSMD
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com