Electronic Components Datasheet Search
  English  ▼

X  

MAX14813 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14813
Description  Ultra-Compact Octal 3L/Quad 5L Pulser with T/R Switches and Beamforming Capability
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14813 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14813 Datasheet HTML 1Page - Maxim Integrated Products MAX14813 Datasheet HTML 2Page - Maxim Integrated Products MAX14813 Datasheet HTML 3Page - Maxim Integrated Products MAX14813 Datasheet HTML 4Page - Maxim Integrated Products MAX14813 Datasheet HTML 5Page - Maxim Integrated Products MAX14813 Datasheet HTML 6Page - Maxim Integrated Products MAX14813 Datasheet HTML 7Page - Maxim Integrated Products MAX14813 Datasheet HTML 8Page - Maxim Integrated Products MAX14813 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
General Description
The MAX14813 is a very high density, high-voltage
ultrasound transmitter (pulser) in a wafer-level package
(WLP). It is particularly aimed to address ultrasound
imaging applications in which PCB space is a concern.
It features eight 3-level channels operating from two
independent pairs of HV supplies. Each channel
can transmit up to 170VP-P with up to 2.1A current
capability. The current capability can be programmed down
to 0.35A with 4 steps of programmability. It also features
an integrated 1A active clamp (Return to Zero).
The MAX14813 can also be configured as a quad 5-levels
(2.1A) pulser plus quad active T/R switches.
The MAX14813 features embedded digital resources
(SRAM and state machine) that can be used to support
transmit beamforming resulting in a dramatic saving of
the number of interconnects and FPGA I/Os. The embed-
ded digital resources are programmed through an high
speed serial interface and supports sophisticated transmit
techniques likewise pulse width modulation for burst-
shaping and apodization for beam shaping.
Alternatively, the device can be controlled in a conventional
manner by an external digital source (FPGA or similar)
through dedicated CMOS logic inputs.
The MAX14813 features independent active T/R switches.
The T/R switches can possibly be externally configured to
support Receive Multiplexing in which a fewer number of
receive than transmit channels are used.
The MAX14813 is packaged into a 6.33mm x 6.65mm
WLP, with a 12 x 13 ball grid array.
Applications
● Ultrasound Medical Imaging
● Ultrasound Industrial Applications (NDT)
Ordering Information appears at end of data sheet.
19-100096; Rev 1; 7/19
Benefits and Features
● Optimized for Compact and Portable Applications
• High Density Eight Channels 3 Levels Pulser in a
6.33mm x 6.65mm WLP
• Integrated Low-Power, Low-Noise, Active T/R Switches
• Direct-Drive Architecture Eliminates External Floating
Power Supply (FPS) and HV Signal Capacitors
• Embedded Beamforming Eliminates Transmit
FPGA, Simplifies PCB Layout, and Eases
Synchronization
● Flexibility
• Support Receive Multiplexing
• Can Use Internal/External Beamforming Resources
• Can Operate as Octal 3 Levels or Quad 5 Levels
● Embedded Digital Resources for Beamforming
• 8K Samples (Per Channel) Pulse Wave Table
SRAM Stores Up to 1024 Unique Patterns
• Line Number Memory Stores Beamforming Line
Information For Up To 1.5K Lines (3 Levels) or 3K
Lines (5 Levels)
• 128 Line Type Registers Stores Setting Information
for All the Channels
• State Machine for Delay Beamforming with 5ns
Time Resolution
• Programmable Number of Cycles and Pattern Time
Base (Pulse Width)
● High Performance (Designed to Enhance Image
Quality)
• Excellent Second Harmonic distortion and Pulse
Inversion Performances
• Low Propagation Delay 12ns (typ) Ensures Excel-
lent Phase Noise for Doppler Modes and Excellent
Part-to-Part Matching
• Fast Rising Falling Edges Enables Fine Resolution
PWM or Acoustic Power Control
● Low Power
• Low Quiescent Power Dissipation (4.1mW/Channel
in Octal Mode)
• Programmable Current Capability Down to 0.35A
for CWD and Low-Voltage Modes
● Robustness
• Thermal Warning at 110°C
• Thermal Shutdown at 150°C
MAX14813
Ultra-Compact Octal 3L/Quad 5L Pulser with
T/R Switches and Beamforming Capability
EVALUATION KIT AVAILABLE
Click
here for production status of specific part numbers.


Similar Part No. - MAX14813

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14813EVKIT MAXIM-MAX14813EVKIT Datasheet
3Mb / 28P
Easy Evaluation of the MAX14813
2016
MAX14813EVKIT# MAXIM-MAX14813EVKIT# Datasheet
3Mb / 28P
Easy Evaluation of the MAX14813
2016
More results

Similar Description - MAX14813

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8204 VITESSE-VSC8204 Datasheet
454Kb / 2P
Quad Port 10/100/1000BASE-T PHY with R/GMII, R/TBI Interfaces
logo
Fairchild Semiconductor
FSA201_0704 FAIRCHILD-FSA201_0704 Datasheet
1Mb / 21P
USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
logo
List of Unclassifed Man...
AM55-0003 ETC2-AM55-0003 Datasheet
447Kb / 8P
250 mW Power Amplifier with T/R and Diversity Switches 2.4 - 2.5 GHz
logo
Maxim Integrated Produc...
MAX14808 MAXIM-MAX14808 Datasheet
1Mb / 31P
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
Rev 0; 9/12
logo
List of Unclassifed Man...
ESW105-ML ETC2-ESW105-ML Datasheet
465Kb / 3P
Ultra Compact Industrial Ethernet Switches
logo
Microchip Technology
HV7321 MICROCHIP-HV7321 Datasheet
501Kb / 30P
4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
06/23/16
logo
ON Semiconductor
FSA321 ONSEMI-FSA321 Datasheet
552Kb / 14P
Audio Switches with Negative Signal Capability
March 2013 Rev 1.0.6
logo
Texas Instruments
TX7332 TI1-TX7332 Datasheet
411Kb / 9P
Three-level, 32-channel transmitter with 1.2-A pulser, T/R switch, and integrated transmit beamformer
logo
Maxim Integrated Produc...
MAX14634 MAXIM-MAX14634_V01 Datasheet
1Mb / 7P
Ultra-Low On-Resistance and Compact Bidirectional Battery Switches
2013
MAX14808 MAXIM-MAX14808_V01 Datasheet
728Kb / 31P
Octal Three-Level/Quad Five-Level High-Voltage 2A Digital Pulsers with T/R Switch
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com