Electronic Components Datasheet Search
  English  ▼

X  

MAX14813 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX14813
Description  Ultra-Compact Octal 3L/Quad 5L Pulser with T/R Switches and Beamforming Capability
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14813 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX14813 Datasheet HTML 35Page - Maxim Integrated Products MAX14813 Datasheet HTML 36Page - Maxim Integrated Products MAX14813 Datasheet HTML 37Page - Maxim Integrated Products MAX14813 Datasheet HTML 38Page - Maxim Integrated Products MAX14813 Datasheet HTML 39Page - Maxim Integrated Products MAX14813 Datasheet HTML 40Page - Maxim Integrated Products MAX14813 Datasheet HTML 41Page - Maxim Integrated Products MAX14813 Datasheet HTML 42Page - Maxim Integrated Products MAX14813 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Figure 12. Memory Read and Write Operation
WRITE SINGLE 24 BITS MEM REGISTER
CS
SCLK
SDIO
SDOUT
WRITE N MEMORY CELLS IN BURST MODE
CS
SCLK
SDIO
SDOUT
READ SINGLE 24 BITS MEM REGISTER
CS
SCLK
SDIO
SDOUT
READ N MEMORY CELLS IN BURST MODE
CS
SCLK
SDIO
SDOUT
DATA N [7:0]
0 0 0 0 0 0
DATA 0 [7:0]
DATA 1 [23:16]
DATA 1 [15:8]
DATA 1 [7:0]
ADD[6:0]
MEM_ADD[15:8] MEM_ADD[7:0] DATA 0 [23:16]
DATA 0 [15:8]
0 0 x x x x
DATA N [23:16] DATA N [15:8]
x x x x x x
x x x x x x
x x x x x x
x x x x x x
x x x x x x
x x x x x x
x x x x x x
x x x x x x
x x x x x x
x x x x x x
x x
x x x x x x
x x x
DATA[7:0]
(if bidirectional
SDIO)
DATA 0 [7:0]
(if bidirectional
SDIO)
DATA[15:8]
(if bidirectional
SDIO)
DATA 0 [15:8]
(if bidirectional
SDIO)
DATA 0 [23:16]
(if bidirectional
SDIO)
x x x
0
ADD[6:0]
MEM_ADD[15:8] MEM_ADD[7:0]
1
ADD[6:0]
x x x x x x
x x x x
0 0 0 0 0 0 0 0
DATA N [7:0]
(if bidirectional
SDIO)
DATA N [15:8]
(if bidirectional
SDIO)
DATA N [23:16]
(if bidirectional
SDIO)
DATA 1 [7:0]
(if bidirectional
SDIO)
DATA 1 [15:8]
(if bidirectional
SDIO)
DATA 1 [23:16]
(if bidirectional
SDIO)
x x x x x x
x x x x x x
0 0 0 0 0 0
x x x x
0 0
DATA N [23:16] DATA N [15:8]
DATA N [7:0]
DATA 0 [23:16]
DATA 0 [15:8]
DATA 0 [7:0]
DATA 1 [23:16]
DATA 1 [15:8]
DATA 1 [7:0]
DATA[7:0]
0 0 0 0 0 0 0 0 x
0
ADD[6:0]
MEM_ADD[15:8] MEM_ADD[7:0]
DATA[23:16]
DATA[15:8]
x x x x x x
x x x x x x
x x x x
x x x x x x
x x x
0
ADD[6:0]
MEM_ADD[15:8] MEM_ADD[7:0]
1
ADD[6:0]
DATA[23:16]
(if bidirectional
SDIO)
x x x x x x
x x x x x x
x x
0 0 x x x x
0 0 0 0 0 0
x x x x x x
x x x x x x
0 0 DATA[23:16]
DATA[15:8]
DATA[7:0]
0 0 0 0 0 0
www.maximintegrated.com
Maxim Integrated │ 39
MAX14813
Ultra-Compact Octal 3L/Quad 5L Pulser with
T/R Switches and Beamforming Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com