Electronic Components Datasheet Search
  English  ▼

X  

MAX14813 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14813
Description  Ultra-Compact Octal 3L/Quad 5L Pulser with T/R Switches and Beamforming Capability
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14813 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14813 Datasheet HTML 1Page - Maxim Integrated Products MAX14813 Datasheet HTML 2Page - Maxim Integrated Products MAX14813 Datasheet HTML 3Page - Maxim Integrated Products MAX14813 Datasheet HTML 4Page - Maxim Integrated Products MAX14813 Datasheet HTML 5Page - Maxim Integrated Products MAX14813 Datasheet HTML 6Page - Maxim Integrated Products MAX14813 Datasheet HTML 7Page - Maxim Integrated Products MAX14813 Datasheet HTML 8Page - Maxim Integrated Products MAX14813 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
VIO to GND...........................................................-0.3V to +5.6V
VDD to GND ............................................................-0.3V to +2V
VCC to GND .........................................................-0.3V to +5.6V
VEE to GND..........................................................-5.6V to +0.3V
VPPA to GND.......................................................-0.3V to +110V
VNNA to GND ......................................................-110V to +0.3V
VNNB to GND ........................................... VNNA - 0.3V to +0.3V
VPPB to GND.............................................-0.3V to VPPA + 0.3V
VGNB to GND................................ VNNB - 0.3V to VNNB + 5.6V
VGPA to GND ................................. VPPA - 5.6V to VPPA + 0.3V
VGNA to GND................................ VNNA - 0.3V to VNNA + 5.6V
VGPB to GND .................................VPPB - 5.6V to VPPB + 0.3V
HVOUTx to GND (x = 1..8) ............VNNA - 0.6V to VPPA + 0.6V
LVOUTx to GND (x = 1..8) –
Current Limited at ±100mA.....................................-1V to +1V
THP to GND .........................................................-0.3V to +5.6V
DINNx to GND (x = 1..8) ......................................-0.3V to +5.6V
DINPx to GND (x = 1..8) ......................................-0.3V to +5.6V
MODE2 to GND....................................................-0.3V to +5.6V
MODE1 to GND....................................................-0.3V to +5.6V
CLK to GND .........................................................-0.3V to +5.6V
SYNC/INT to GND................................................-0.3V to +5.6V
CC0 to GND .................................................-0.3V to VIO + 0.3V
CC1 to GND .................................................-0.3V to VIO + 0.3V
Operating Temperature Range...............................0°C to +85°C
Storage Temperature Range............................ -65°C to +150°C
Soldering Temperature (Reflow)......................................+260°C
PACKAGE CODE
W1566A6+1
Outline Number
21-100007
Land Pattern Number
See
Application Note 1891
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
19
Junction to Case (θJC)
NA
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
WLP156 6.65mm x 6.33mm
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Package Information
www.maximintegrated.com
Maxim Integrated │ 3
MAX14813
Ultra-Compact Octal 3L/Quad 5L Pulser with
T/R Switches and Beamforming Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com