Electronic Components Datasheet Search
  English  ▼

X  

LT8640S Datasheet(PDF) 13 Page - Analog Devices

Part # LT8640S
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640S Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8640S Datasheet HTML 9Page - Analog Devices LT8640S Datasheet HTML 10Page - Analog Devices LT8640S Datasheet HTML 11Page - Analog Devices LT8640S Datasheet HTML 12Page - Analog Devices LT8640S Datasheet HTML 13Page - Analog Devices LT8640S Datasheet HTML 14Page - Analog Devices LT8640S Datasheet HTML 15Page - Analog Devices LT8640S Datasheet HTML 16Page - Analog Devices LT8640S Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT8642-1
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Low EMI PCB Layout
The LT8642-1 is specifically designed to minimize EMI
emissions and also to maximize efficiency when switching
at high frequencies. For optimal performance the LT8642-1
requires the use of multiple VIN bypass capacitors.
Two small <1µF capacitors should be placed as close as
possible to the LT8642-1, one capacitor on each side of
the device (CIN1, CIN2). A third capacitor with a larger value,
4.7µF or higher, should be placed near COPT1 or COPT2.
See Figure 1 for a recommended PCB layout.
For more detail and PCB design files refer to the Demo
Board guide for the LT8642-1.
Note that large, switched currents flow in the LT8642-1
VIN and GND pins and the input capacitors. The loops
formed by the input capacitors should be as small as
possible by placing the capacitors adjacent to the VIN and
GND pins. Capacitors with small case size such as 0402
or 0603 are optimal due to lowest parasitic inductance.
The input capacitors, along with the inductor and out-
put capacitors, should be placed on the same side of the
circuit board, and their connections should be made on
Figure 1. Recommended PCB Layout for the LT8642-1
CSS
CF
RC
R2
R1
OTHER SIGNAL VIAS
VOUT VIA
VIN VIA
GROUND VIA
86421 F01
RT
CIN3
COUT
COUT
L
CIN1
CBST
CVCC
C1
CC
CIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com