Electronic Components Datasheet Search
  English  ▼

X  

LT8640S Datasheet(PDF) 24 Page - Analog Devices

Part # LT8640S
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640S Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8640S Datasheet HTML 18Page - Analog Devices LT8640S Datasheet HTML 19Page - Analog Devices LT8640S Datasheet HTML 20Page - Analog Devices LT8640S Datasheet HTML 21Page - Analog Devices LT8640S Datasheet HTML 22Page - Analog Devices LT8640S Datasheet HTML 23Page - Analog Devices LT8640S Datasheet HTML 24Page - Analog Devices LT8640S Datasheet HTML 25Page - Analog Devices LT8640S Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LT8642-1
24
Rev. 0
For more information www.analog.com
Figure 12. 2MHz 1V, 10A Step-Down Converter with Spread Spectrum
Figure 13. 2MHz 3.3V, 10A Step-Down Converter with Spread Spectrum
Figure 14. 5V, 10A Step-Down Converter
TYPICAL APPLICATIONS
1µF
47pF
EXTERNAL
SOURCE >3.1V
OR GND
PINS NOT USED IN
THIS CIRCUIT:
CLKOUT, PG, SS
LT8642-1
SW
BIAS
FB
GND
RT
VC
VOUT
1V
10A
220µF ×2
1206
X5R/X7R
17.8k
100k
147k
0.28µH
fSW = 2MHz
L: XEL6030
SYNC/MODE
INTVCC
330pF
10.2k
1F
0603
1F
0603
VIN
2.8V TO 18V
VIN
EN/UV
GND
GND
10µF
VIN
1µF
47nF
BST
86421 F12
PINS NOT USED IN
THIS CIRCUIT:
CLKOUT, PG, SS
LT8642-1
SW
BIAS
FB
GND
RT
VC
VOUT
3.3V
10A
47µF ×2
1210
X5R/X7R
39pF
17.8k
100k
22.1k
0.82µH
fSW = 2MHz
L: XEL6060
SYNC/MODE
INTVCC
220pF
6.98k
1F
0603
1F
0603
VIN
3.6V TO 18V
VIN
EN/UV
GND
GND
10µF
VIN
47nF
BST
1µF
86421 F13
PINS NOT USED IN
THIS CIRCUIT:
CLKOUT, SYNC/MODE,
PG, SS
LT8642-1
SW
BIAS
FB
GND
RT
INTVCC
VOUT
5V
10A
100µF ×2
1210
X5R/X7R
47pF
25.5k
13.7k
1.5µH
fSW = 1.5MHz
L: XEL6030
VC
100k
1nF
1F
30.1k
1F
0603
1F
0603
VIN
5.5V TO 18V
VIN
EN/UV
GND
GND
10µF
VIN
47nF
BST
86421 F14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com