Electronic Components Datasheet Search
  English  ▼

X  

LT8640S Datasheet(PDF) 2 Page - Analog Devices

Part # LT8640S
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640S Datasheet(HTML) 2 Page - Analog Devices

  LT8640S Datasheet HTML 1Page - Analog Devices LT8640S Datasheet HTML 2Page - Analog Devices LT8640S Datasheet HTML 3Page - Analog Devices LT8640S Datasheet HTML 4Page - Analog Devices LT8640S Datasheet HTML 5Page - Analog Devices LT8640S Datasheet HTML 6Page - Analog Devices LT8640S Datasheet HTML 7Page - Analog Devices LT8640S Datasheet HTML 8Page - Analog Devices LT8640S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT8642-1
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV, PG, BIAS................................................18V
SW..................................................................VIN + 0.3V
SW (Transient for <25ns)..........................................21V
FB, SS .........................................................................4V
SYNC/MODE Voltage . ................................................6V
Operating Junction Temperature Range (Note 2)
LT8642-1E.......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body) Temperature ...260°C
(Note 1)
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
ORDER INFORMATION
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.5
2.8
V
VIN Quiescent Current in Shutdown
VEN/UV = 0V, VIN = 12V
0.75
3
µA
VIN Quiescent Current in Sleep
VEN/UV = 2V, VFB > 0.597V, VSYNC = 0V, VBIAS = 0V,
VIN = 6V
l
230
230
290
340
µA
µA
Feedback Reference Voltage
VIN = 6V, VC = 1.25V
VIN = 6V, VC = 1.25V
l
0.594
0.591
0.597
0.597
0.600
0.603
V
V
Feedback Voltage Line Regulation
VIN = 4.0V to 18V
l
0.0002
0.02
%/V
Feedback Pin Input Current
VFB = 0.6V
–20
20
nA
Error Amplifier Transconductance
VC = 1.25V
1.4
1.75
2.05
mS
Error Amp Gain
400
V/V
17
18
19
20
7
8
9
10
TOP VIEW
LQFN PACKAGE
20-LEAD (3mm × 4mm × 0.95mm)
JEDEC BOARD: θJA = 41°C/W, θJC(top) = 50.6°C/W, θJC(bottom) = 8.0°C/W (NOTE 3)
DEMO BOARD: θJA = 26°C/W, ΨJT = 0.8°C/W
EXPOSED PAD (PIN 21) IS GND, SHOULD BE SOLDERED TO PCB
PG
BIAS
INTVCC
VIN
VIN
GND
CLKOUT
SYNC/MODE
EN/UV
VIN
VIN
GND
16
15
14
13
12
11
1
2
3
4
5
6
21
GND
PART NUMBER
PART MARKING*
FINISH CODE
PAD FINISH
PACKAGE**
TYPE
MSL
RATING
TEMPERATURE RANGE
LT8642EV-1#PBF
86421
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8642EV-1#TRPBF
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
Tape and reel specifications.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings
Parts ending with PBF are RoHS and WEEE compliant. **The LT8642-1 package has the same dimensions as a standard 4mm × 3mm QFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com